Electronic Components Datasheet Search
  English  ▼

X  

FS98O251 Datasheet(PDF) 13 Page - Fortune Semiconductor Corp.

Part # FS98O251
Description  8-bit MCU with 8k program EPROM, 256-byte RAM
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O251 Datasheet(HTML) 13 Page - Fortune Semiconductor Corp.

Back Button FS98O251 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS98O251 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS98O251 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS98O251 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS98O251 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS98O251 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS98O251 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS98O251 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS98O251 Datasheet HTML 17Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 142 page
background image
FS98O25
Rev. 1.6
13/142
1.9.
Pin Description
Table 1-2 FS98O25 pin description
Name
In/Out
Pin No
Description
VPP
I
1
Programming Power Supply
OP2O
I/O
4
OPAMP 2 Output
OP1O
I/O
5
OPAMP 1 Output
REFO
O
6
Band gap Reference Output
FTB, FTC
I/O
7, 8
ADC Pre-Filter Capacitor Connection
VB
I
9
Analog Circuit Bias Current Input
AGND
I/O
10
Analog Ground
PT1<0~7>/AIN0~7
I/O
11~18
Digital I/O Port or Analog input channel
PT2<0~1>/INT0~1,
PT3<0~1>/INT2~3
I/O
19~20
34~35
Digital I/O Port and External Interrupt input
PT2<2,5>/PDM1,2
I/O
21,24
Digital I/O Port or PDM output
PT2<3>/SDA
I/O
22
Digital I/O Port or I2C serial Bi-Directional data line
PT2<4>/SCL
I/O
23
Digital I/O Port or I2C clock input
PT2<7>/BZ
I/O
26
Digital I/O Port or Buzzer Output
PT3<2>/PFI
I/O
36
Digital I/O Port or Programmable Frequency Input
PT3<3>/PFO
I/O
37
Digital I/O Port or Programmable Frequency Output
PT2<6>
I/O
25
Digital I/O Port
SEG32~SEG1
O
54~74
38~48
LCD Segment Driver Output
COM4~COM1
O
75~78
LCD Common Driver Output
LCA
I/O
82
LCD Charge Pump Capacitor Positive Connection
LCB
I/O
83
LCD Charge Pump Capacitor Negative Connection
V3,V2,V1
I/O
84~86
LCD Bias
VDDA
I/O
87
Analog Power Output
VS
I/O
88
Voltage Source from VDDA
VGG
I/O
89
Charge Pump Voltage
NC
-
90
No Connection
VSSP
I
91
Charge Pump Negative Power Supply
CB
I/O
92
Charge Pump Capacitor Negative Connection
CA
I/O
93
Charge Pump Capacitor Positive Connection
VDDP
I
94
Charge Pump Positive Power Supply
VDD
I
95
Positive Power Supply
VSS
I
96
Negative Power Supply (Ground)
XOUT
O
97
32768Hz Oscillator Output
XIN
I
98
32768Hz Oscillator Input
TST
I
99
Testing Mode
RST
I
100
CPU Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com