Electronic Components Datasheet Search
  English  ▼

X  

V62/18609-01XE-R Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # V62/18609-01XE-R
Description  200-MHz, CMOS operational amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/18609-01XE-R Datasheet(HTML) 14 Page - Texas Instruments

Back Button V62/18609-01XE-R Datasheet HTML 10Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 11Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 12Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 13Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 14Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 15Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 16Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 17Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Device
V
O
V(V+)
V
(V±)
C
(D)
R
(F)
10 M
C
(F)
(1)
l
< 1 pF
14
OPA2356-EP
SBOS955 – FEBRUARY 2019
www.ti.com
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The OPA2356-EP is a CMOS, high-speed, voltage-feedback, operational amplifier (op amp) designed for
general-purpose applications.
The amplifier features a 200-MHz gain bandwidth and 300-V/μs slew rate, but the device is unity-gain stable and
operates as a 1-V/V voltage follower.
The input common-mode voltage range of the device includes ground, which allows the OPA2356-EP to be used
in virtually any single-supply application up to a supply voltage of 5.5 V.
8.2 Typical Applications
8.2.1 Transimpedance Amplifier
Wide gain bandwidth, low input bias current, low input voltage, and current noise make the OPA2356-EP a
preferred wideband photodiode transimpedance amplifier. Low-voltage noise is important because photodiode
capacitance causes the effective noise gain of the circuit to increase at high frequency.
The key elements to a transimpedance design, as shown in Figure 30, are the expected diode capacitance
(C(D)), which must include the parasitic input common-mode and differential-mode input capacitance (4 pF + 5
pF), the desired transimpedance gain (R(FB)), and the gain-bandwidth (GBW) for the OPA2356-EP (20 MHz).
With these three variables set, the feedback capacitor value (C(FB)) is set to control the frequency response. C(FB)
includes the stray capacitance of R(FB), which is 0.2 pF for a typical surface-mount resistor.
(1)
C(FB) is optional to prevent gain peaking. C(FB) includes the stray capacitance of R(FB).
Figure 30. Dual-Supply Transimpedance Amplifier
8.2.1.1 Design Requirements
PARAMETER
VALUE
Supply voltage V(V+)
2.5 V
Supply voltage V(V–)
–2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com