Electronic Components Datasheet Search
  English  ▼

X  

V62/18609-01XE-R Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # V62/18609-01XE-R
Description  200-MHz, CMOS operational amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/18609-01XE-R Datasheet(HTML) 17 Page - Texas Instruments

Back Button V62/18609-01XE-R Datasheet HTML 13Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 14Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 15Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 16Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 17Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 18Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 19Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 20Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
±5 V
V
(V±)
Optional
(2)
C1
100 nF
R1
(1)
100
R2
50 k
C2
100 nF
V
(V+)
5 V
SD1
BAS40
V
I
0 V to 4.096 V
ADS8326
16-Bit
250 kSPS
C3
(1)
1 nF
C4
100 nF
5 V
REF IN
±I x
N
+I x
N
REF3240
4.096 V
5 V
OPA2356-EP
R
(S)
100 kΩ
V
(+INx)
I
IB
Device
V
(V+)
V
(V–)
R
(F)
R
(G)
V
O
17
OPA2356-EP
www.ti.com
SBOS955 – FEBRUARY 2019
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Figure 33. Noise as a Result of I(BIAS)
8.2.3 Driving ADCs
The OPA2356-EP op amps are designed for driving sampling analog-to-digital converters (ADCs) with sampling
speeds up to 1 MSPS. The zero-crossover distortion input stage topology allows the OPA2356-EP to drive ADCs
without degradation of differential linearity and THD.
The OPA2356-EP can be used to buffer the ADC switched input capacitance and resulting charge injection while
providing signal gain. Figure 34 shows the OPA2356-EP configured to drive the ADS8326.
(1)
Suggested value; may require adjustment based on specific application.
(2)
Single-supply applications lose a small number of ADC codes near ground as a result of op amp output swing
limitation. If a negative power supply is available, this simple circuit creates a –0.3-V supply to allow output swing to
true ground potential.
Figure 34. Driving the ADS8326
8.2.4 Active Filter
The OPA2356-EP is designed for active filter applications that require a wide bandwidth, fast slew rate, low-
noise, single-supply operational amplifier. Figure 35 depicts a 500-kHz, second-order, low-pass filter using the
multiple-feedback (MFB) topology. The components are selected to provide a maximally-flat Butterworth
response. Beyond the cutoff frequency, roll-off is –40 dB/dec. The Butterworth response is preferred for
applications requiring predictable gain characteristics, such as the anti-aliasing filter used in front of an ADC.
One point to observe when considering the MFB filter is that the output is inverted, relative to the input. If this
inversion is not required, or not desired, a noninverting output can be achieved through one of the following
options:
1. Adding an inverting amplifier,
2. Adding an additional second-order MFB stage,
3. Using a noninverting filter topology, such as the Sallen-Key (see Figure 36).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com