Electronic Components Datasheet Search
  English  ▼

X  

V62/18609-01XE-R Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # V62/18609-01XE-R
Description  200-MHz, CMOS operational amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/18609-01XE-R Datasheet(HTML) 18 Page - Texas Instruments

Back Button V62/18609-01XE-R Datasheet HTML 14Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 15Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 16Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 17Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 18Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 19Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 20Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 21Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
V
O
V = 1 V
I
RMS
Device
150 kΩ
19.5 kΩ
220 pF
1.8 kΩ
3.3 nF
47 pF
V
(V+)
V
(V–)
C1
1 nF
C2
150 pF
R3
549 Ω
R1
549 Ω
R2
1.24 kΩ
V
(V+)
V
O
V
I
V
(V–)
Device
18
OPA2356-EP
SBOS955 – FEBRUARY 2019
www.ti.com
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
MFB and Sallen-Key, low-pass and high-pass filter synthesis is quickly accomplished using TI’s FilterPro™
program. This software is available as a free download at www.ti.com.
Figure 35. Second-Order Butterworth 500-kHz Low-Pass Filter
Figure 36. OPA2356-EP Configured as a Three-Pole, 20-kHz, Sallen-Key Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com