Electronic Components Datasheet Search
  English  ▼

X  

V62/18609-01XE-R Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # V62/18609-01XE-R
Description  200-MHz, CMOS operational amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/18609-01XE-R Datasheet(HTML) 16 Page - Texas Instruments

Back Button V62/18609-01XE-R Datasheet HTML 12Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 13Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 14Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 15Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 16Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 17Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 18Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 19Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Frequency (Hz)
1000
10000
100000
1000000
1E+7
5E+7
60
65
70
75
80
85
90
95
100
105
D001
16
OPA2356-EP
SBOS955 – FEBRUARY 2019
www.ti.com
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
For additional information, see the Compensate transimpedance amplifiers intuitively application report.
8.2.1.2.2.1
Optimizing the Transimpedance Circuit
To achieve the best performance, select components according to the following guidelines:
1. For lowest noise, select R(FB) to create the total required gain. Using a lower value for R(FB) and adding gain
after the transimpedance amplifier generally produces poorer noise performance. The noise produced by
R(FB) increases with the square-root of R(FB), whereas the signal increases linearly. Therefore, signal-to-noise
ratio improves when all the required gain is placed in the transimpedance stage.
2. Minimize photodiode capacitance and stray capacitance at the summing junction (inverting input). This
capacitance causes the voltage noise of the op amp to amplify (increasing amplification at high frequency).
Using a low-noise voltage source to reverse-bias a photodiode can significantly reduce the capacitance.
Smaller photodiodes have lower capacitance. Use optics to concentrate light on a small photodiode.
3. Noise increases with increased bandwidth. Limit the circuit bandwidth to only that required. Use a capacitor
across the R(FB) to limit bandwidth, even if not required for stability.
4. Circuit board leakage can degrade the performance of an otherwise well-designed amplifier. Clean the circuit
board carefully. A circuit board guard trace that encircles the summing junction and is driven at the same
voltage can help control leakage.
For additional information, see the Noise analysis of FET transimpedance amplifiers and Noise analysis for high-
speed op amps application reports.
8.2.1.3 Application Curve
–3-dB bandwidth is 4.56 MHz
Figure 32. AC Transfer Function
8.2.2 High-Impedance Sensor Interface
Many sensors have high source impedances that may range up to 10 MΩ, or even higher. The output signal of
sensors often must be amplified or otherwise conditioned by means of an amplifier. The input bias current of this
amplifier can load the sensor output and cause a voltage drop across the source resistance, as shown in
Figure 33, where (V(+INx) = VS – I(BIAS) × R(S)). The last term, I(BIAS) × R(S), shows the voltage drop across R(S). To
prevent errors introduced to the system as a result of this voltage, an op amp with very low input bias current
must be used with high impedance sensors. This low current keeps the error contribution by I(BIAS) × R(S) less
than the input voltage noise of the amplifier, so that the input voltage noise does not become the dominant noise
factor. The OPA2356-EP op amp features very low input bias current (typically 200 fA) and is therefore a
preferred choice for such applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com