Electronic Components Datasheet Search
  English  ▼

X  

TP1561NA Datasheet(PDF) 8 Page - 3PEAK INC.

Part # TP1561NA
Description  Stable 6MHz, 500關A, RRIO, Precision, Op Amps
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP1561NA Datasheet(HTML) 8 Page - 3PEAK INC.

Back Button TP1561NA Datasheet HTML 4Page - 3PEAK INC. TP1561NA Datasheet HTML 5Page - 3PEAK INC. TP1561NA Datasheet HTML 6Page - 3PEAK INC. TP1561NA Datasheet HTML 7Page - 3PEAK INC. TP1561NA Datasheet HTML 8Page - 3PEAK INC. TP1561NA Datasheet HTML 9Page - 3PEAK INC. TP1561NA Datasheet HTML 10Page - 3PEAK INC. TP1561NA Datasheet HTML 11Page - 3PEAK INC. TP1561NA Datasheet HTML 12Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
TP1561A/ TP1561NA/TP1562A/TP1564A
Stable 6MHz, 500μA, RRIO, Precision Op Amps
Rev. B.03
www.3peakic.com.cn
Pin Functions
–IN: Inverting Input of the Amplifier. Voltage range
of this pin can go from V
– – 0.3V to V+ + 0.3V.
+IN: Non-Inverting Input of Amplifier. This pin has
the same voltage range as –IN.
+VS: Positive Power Supply. Typically the voltage is
from 2.1V to 6V. Split supplies are possible as long
as the voltage between V+ and V– is between 2.1V
and 6V. A bypass capacitor of 0.1μF as close to the
part as possible should be used between power
supply pins or between supply pins and ground.
N/C: No Connection.
-VS: Negative Power Supply. It is normally tied to
ground. It can also be tied to a voltage other than
ground as long as the voltage between V
+ and V– is
from 2.1V to 6V. If it is not connected to ground,
bypass it with a capacitor of 0.1μF as close to the
part as possible.
SHDN: Active Low Shutdown. Shutdown threshold
is 1.0V above negative supply rail. If unconnected,
the amplifier is automatically enabled.
OUT: Amplifier Output. The voltage range extends
to within millivolts of each supply rail.
Operation
The TP156xA family input signal range extends
beyond the negative and positive power supplies.
The output can even extend all the way to the
negative supply. The input stage is comprised of
two CMOS differential amplifiers, a PMOS stage
and NMOS stage that are active over different
ranges of common mode input voltage. The
Class-AB control buffer and output bias stage uses
a proprietary compensation technique to take full
advantage of the process technology to drive very
high capacitive loads. This is evident from the
transient over shoot measurement plots in the
Typical Performance Characteristics.
Applications Information
Low Supply Voltage and Low Power Consumption
The TP156xA family of operational amplifiers can operate with power supply voltages from 2.1 V to 6.0 V. Each
amplifier draws only 500 μA quiescent current. The low supply voltage capability and low supply current are ideal
for portable applications demanding high capacitive load driving capability and stable wide bandwidth. The
TP156xA family is optimized for wide bandwidth low power applications. They have an industry leading high
GBWP to power ratio and are unity gain stable for any capacitive load. When the load capacitance increases, the
increased capacitance at the output pushed the non-dominant pole to lower frequency in the open loop frequency
response, lowering the phase and gain margin. Higher gain configurations tend to have better capacitive drive
capability than lower gain configurations due to lower closed loop bandwidth and hence higher phase margin.
Low Input Referred Noise
The TP156xA family provides a low input referred noise density of 19 nV/√Hz at 1 kHz. The voltage noise will
grow slowly with the frequency in wideband range, and the input voltage noise is typically 8 μVP-P at the frequency
of 0.1 Hz to 10 Hz.
Low Input Offset Voltage
The TP156xA family has a low offset voltage of 400 μV maximum which is essential for precision applications.
The offset voltage is trimmed with a proprietary trim algorithm to ensure low offset voltage for precision signal
processing requirement.
Low Input Bias Current
The TP156xA family is a CMOS OPA family and features very low input bias current in pA range. The low input
bias current allows the amplifiers to be used in applications with high resistance sources. Care must be taken to
minimize PCB Surface Leakage. See below section on “PCB Surface Leakage” for more details.
PCB Surface Leakage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com