Electronic Components Datasheet Search
  English  ▼

X  

TP1561NA Datasheet(PDF) 3 Page - 3PEAK INC.

Part # TP1561NA
Description  Stable 6MHz, 500關A, RRIO, Precision, Op Amps
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP1561NA Datasheet(HTML) 3 Page - 3PEAK INC.

  TP1561NA Datasheet HTML 1Page - 3PEAK INC. TP1561NA Datasheet HTML 2Page - 3PEAK INC. TP1561NA Datasheet HTML 3Page - 3PEAK INC. TP1561NA Datasheet HTML 4Page - 3PEAK INC. TP1561NA Datasheet HTML 5Page - 3PEAK INC. TP1561NA Datasheet HTML 6Page - 3PEAK INC. TP1561NA Datasheet HTML 7Page - 3PEAK INC. TP1561NA Datasheet HTML 8Page - 3PEAK INC. TP1561NA Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
TP1561A/ TP1561NA/TP1562A/TP1564A
Stable 6MHz, 500μA, RRIO, Precision Op Amps
www.3peakic.com.cn
Rev. B.03
Electrical Characteristics
The specifications are at TA = 27° C. VS = 5.0 V, RL = 2kΩ, CL =100pF, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = 0V to 3V
-400
± 50
+400
μV
VOS TC
Input Offset Voltage Drift
-40°C to 125°C
1
2
μV/° C
IB
Input Bias Current
TA = 27 °C
1
10
pA
TA = 85 °C
25
pA
IOS
Input Offset Current
0.001
pA
VN
Input Voltage Noise
f = 0.1Hz to 10Hz
8
μVPP
eN
Input Voltage Noise Density
f = 1kHz
19
nV/√Hz
iN
Input Current Noise
f = 1kHz
2
fA/√Hz
CIN
Input Capacitance
Differential
Common Mode
8
7
pF
CMRR
Common Mode Rejection Ratio
VCM = 0V to 2.5V
90
110
dB
CMRR
Common Mode Rejection Ratio
VCM = 0V to 5V
63
dB
VCM
Common-mode Input Voltage
Range
V– -0.1
V+-0.1
V
PSRR
Power Supply Rejection Ratio
VCM = 1/2 VS, VS = 3V to 5V
80
95
dB
AVOL
Open-Loop Large Signal Gain
RLOAD = 10kΩ
95
105
dB
VOL, VOH
Output Swing from Supply Rail
RLOAD = 10kΩ
3
15
mV
ROUT
Closed-Loop Output Impedance
G = 1, f =1kHz, IOUT = 0
0.024
Ω
ISC
Output Short-Circuit Current
Sink or source current
100
mA
IO
Output Current
Sink or source current, Output 1V Drop
50
mA
VDD
Supply Voltage
2.1
6.0
V
IQ
Quiescent Current per Amplifier
VS = 5V
500
800
μA
IQ(OFF)
Supply Current in Shutdown Note 1
VS = 5V
0.2
μA
ISHDN
Shutdown Pin Current Note 1
VSHDN = 0.5V
-0.15
μA
VSHDN = 1.5V
-0.15
μA
ILEAK
Output Leakage Current in
Shutdown Note 1
VSHDN = 0V, VOUT = 0V
-20
pA
VSHDN = 0V, VOUT = 5V
20
pA
VIL
SHDN Input Low Voltage Note 1
Disable
0.5
V
VIH
SHDN Input High Voltage Note 1
Enable
1.0
V
tON
Turn-On Time Note 1
SHDN Toggle from 0V to 5V
20
μs
tOFF
Turn-Off Time Note 1
SHDN Toggle from 5V to 0V
20
μs
PM
Phase Margin
RLOAD = 1kΩ, CLOAD = 60pF
60
°
GM
Gain Margin
RLOAD = 1kΩ, CLOAD = 60pF
15
dB
GBWP
Gain-Bandwidth Product
f = 1kHz
6
MHz
SR
Slew Rate
AV = 1, VOUT = 1.5V to 3.5V, CLOAD = 60pF,
RLOAD = 1kΩ
3.6
4.5
V/μs
tS
Settling Time, 0.1%
Settling Time, 0.01%
AV = 1, 2V Step, CLOAD = 60pF, RLOAD =
1kΩ
0.8
1
μs
THD+N
Total Harmonic Distortion and
Noise
f = 1kHz, AV =1, RL = 2kΩ, VOUT = 1Vp-p
0.0003
%
Xtalk
Channel Separation
f = 1kHz, RL = 2kΩ
110
dB
Note 1: Specifications apply to the TP1561NA with shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com