Electronic Components Datasheet Search
  English  ▼

X  

TP1561NA Datasheet(PDF) 2 Page - 3PEAK INC.

Part # TP1561NA
Description  Stable 6MHz, 500關A, RRIO, Precision, Op Amps
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP1561NA Datasheet(HTML) 2 Page - 3PEAK INC.

  TP1561NA Datasheet HTML 1Page - 3PEAK INC. TP1561NA Datasheet HTML 2Page - 3PEAK INC. TP1561NA Datasheet HTML 3Page - 3PEAK INC. TP1561NA Datasheet HTML 4Page - 3PEAK INC. TP1561NA Datasheet HTML 5Page - 3PEAK INC. TP1561NA Datasheet HTML 6Page - 3PEAK INC. TP1561NA Datasheet HTML 7Page - 3PEAK INC. TP1561NA Datasheet HTML 8Page - 3PEAK INC. TP1561NA Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
TP1561A/ TP1561NA/TP1562A/TP1564A
Stable 6MHz, 500μA, RRIO, Precision Op Amps
Rev. B.03
www.3peakic.com.cn
Absolute Maximum Ratings Note 1
Supply Voltage: V
+ – V–.......................................7V
Input Voltage............................. V
– – 0.3 to V+ + 0.3
Differential Input Voltage................................ ...±7V
Input Current: +IN, –IN, SHDN Note 2.............. ±20mA
SHDN Pin Voltage……………………………V
– to V+
Output Short-Circuit Duration Note 3…............ Infinite
Operating Temperature Range.......–40°C to 125°C
Maximum Junction Temperature................... 150°C
Storage Temperature Range.......... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) ......... 260°C
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any
Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime.
Note 2: The inputs are protected by ESD protection diodes to each power supply. If the input extends more than 300mV beyond the power
supply, the input current should be limited to less than 10mA.
Note 3: A heat sink may be required to keep the junction temperature below the absolute maximum. This depends on the power supply
voltage and how many amplifiers are shorted. Thermal resistance varies with the amount of PC board metal connected to the package. The
specified values are for short traces connected to the leads.
ESD, Electrostatic Discharge Protection
Symbol
Parameter
Condition
Minimum Level
Unit
HBM
Human Body Model ESD
MIL-STD-883H Method 3015.8
8
kV
MM
Machine Model ESD
JEDEC-EIA/JESD22-A115
500
V
CDM
Charged Device Model ESD
JEDEC-EIA/JESD22-C101E
2
kV
Order Information
Model Name
Order Number
Package
Transport Media, Quantity
Marking
Information
TP1561A
TP1561A-TR
5-Pin SOT23
Tape and Reel, 3000
561
TP1561A-CR
5-Pin SC70
Tape and Reel, 3000
561
TP1561NA
TP1561NA-TR
6-Pin SOT23
Tape and Reel, 3000
56N
TP1562A
TP1562A-SR
8-Pin SOIC
Tape and Reel, 4000
1562A
TP1562A-VR
8-Pin MSOP
Tape and Reel, 3000
1562A
TP1562A-TR
8-Pin TSSOP
Tape and Reel, 3000
1562A
TP1564A
TP1564A-SR
14-Pin SOIC
Tape and Reel, 2500
1564A
TP1564A-TR
14-Pin TSSOP
Tape and Reel, 3000
1564A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com