Electronic Components Datasheet Search
  English  ▼

X  

TP1561NA Datasheet(PDF) 10 Page - 3PEAK INC.

Part # TP1561NA
Description  Stable 6MHz, 500關A, RRIO, Precision, Op Amps
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP1561NA Datasheet(HTML) 10 Page - 3PEAK INC.

Back Button TP1561NA Datasheet HTML 6Page - 3PEAK INC. TP1561NA Datasheet HTML 7Page - 3PEAK INC. TP1561NA Datasheet HTML 8Page - 3PEAK INC. TP1561NA Datasheet HTML 9Page - 3PEAK INC. TP1561NA Datasheet HTML 10Page - 3PEAK INC. TP1561NA Datasheet HTML 11Page - 3PEAK INC. TP1561NA Datasheet HTML 12Page - 3PEAK INC. TP1561NA Datasheet HTML 13Page - 3PEAK INC. TP1561NA Datasheet HTML 14Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
TP1561A/ TP1561NA/TP1562A/TP1564A
Stable 6MHz, 500μA, RRIO, Precision Op Amps
Rev. B.03
www.3peakic.com.cn
10KOhm
5pF
10KOhm
CPAR
Vin
Vout
Figure 2
Shut-down
The single channel OPA versions have SHDN pins that can shut down the amplifier to less than 0.2 μA supply
current. The SHDN pin voltage needs to be within 0.5 V of V– for the amplifier to shut down. During shutdown, the
output will be in high output resistance state, which is suitable for multiplexer applications. When left floating, the
SHDN pin is internally pulled up to the positive supply and the amplifier remains enabled.
Driving Large Capacitive Load
The TP156xA family of OPA is designed to drive large capacitive loads. Refer to Typical Performance
Characteristics for “Phase Margin vs. Load Capacitance”. As always, larger load capacitance decreases overall
phase margin in a feedback system where internal frequency compensation is utilized. As the load capacitance
increases, the feedback loop‟s phase margin decreases, and the closed-loop bandwidth is reduced. This
produces gain peaking in the frequency response, with overshoot and ringing in output step response. The
unity-gain buffer (G = +1V/V) is the most sensitive to large capacitive loads.
When driving large capacitive loads with the TP156xA OPA family (e.g., > 200 pF when G = +1V/V), a small
series resistor at the output (RISO in Figure 3) improves the feedback loop‟s phase margin and stability by making
the output load resistive at higher frequencies.
Vin
Vout
Cload
Riso
Figure 3
Power Supply Layout and Bypass
The TP156xA OPA‟s power supply pin (VDD for single-supply) should have a local bypass capacitor (i.e., 0.01 μF
to 0.1 μF) within 2 mm for good high frequency performance. It can also use a bulk capacitor (i.e., 1μF or larger)
within 100mm to provide large, slow currents. This bulk capacitor can be shared with other analog parts.
Ground layout improves performance by decreasing the amount of stray capacitance and noise at the OPA‟s
inputs and outputs. To decrease stray capacitance, minimize PC board lengths and resistor leads, and place
external components as close to the op amps‟ pins as possible.
Proper Board Layout
To ensure optimum performance at the PCB level, care must be taken in the design of the board layout. To avoid
leakage currents, the surface of the board should be kept clean and free of moisture. Coating the surface creates
a barrier to moisture accumulation and helps reduce parasitic resistance on the board.
Keeping supply traces short and properly bypassing the power supplies minimizes power supply disturbances
due to output current variation, such as when driving an ac signal into a heavy load. Bypass capacitors should be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com