Electronic Components Datasheet Search
  English  ▼

X  

TP2312 Datasheet(PDF) 6 Page - 3PEAK INC.

Part # TP2312
Description  10MHz Bandwidth, Low Noise Precision Op-amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2312 Datasheet(HTML) 6 Page - 3PEAK INC.

Back Button TP2312 Datasheet HTML 2Page - 3PEAK INC. TP2312 Datasheet HTML 3Page - 3PEAK INC. TP2312 Datasheet HTML 4Page - 3PEAK INC. TP2312 Datasheet HTML 5Page - 3PEAK INC. TP2312 Datasheet HTML 6Page - 3PEAK INC. TP2312 Datasheet HTML 7Page - 3PEAK INC. TP2312 Datasheet HTML 8Page - 3PEAK INC. TP2312 Datasheet HTML 9Page - 3PEAK INC. TP2312 Datasheet HTML 10Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
Rev. A04
www.3peakic.com.cn
TP2311 / TP2312 / TP2314
10MHz Bandwidth, Low Noise Precision Op-amps
Typical Performance Characteristics
VS = ±2.75V, VCM = 0V, RL = Open, unless otherwise specified. (Continued)
Common Mode Rejection Ratio
CMRR vs. Frequency
Quiescent Current vs. Temperature
Short Circuit Current vs. Temperature
Power-Supply Rejection Ratio
Quiescent Current vs. Supply Voltage
90
100
110
120
130
140
150
160
170
0
1
2
3
4
Common Mode Voltage(V)
0
20
40
60
80
100
120
140
160
180
1
100
10k
1M
100M
Frequency(Hz)
1.3
1.32
1.34
1.36
1.38
1.4
1.42
1.44
1.46
1.48
-40
-15
10
35
60
85
110
Temperature(
℃)
0
20
40
60
80
100
120
140
160
180
200
-50
0
50
100
150
Temperature(
℃)
ISINK
ISOURCE
0
20
40
60
80
100
120
140
1
100
10k
1M
Frequency(Hz)
PSRR+
PSRR-
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
1.5
2.5
3.5
4.5
5.5
Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com