Electronic Components Datasheet Search
  English  ▼

X  

TP2312 Datasheet(PDF) 11 Page - 3PEAK INC.

Part # TP2312
Description  10MHz Bandwidth, Low Noise Precision Op-amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2312 Datasheet(HTML) 11 Page - 3PEAK INC.

Back Button TP2312 Datasheet HTML 7Page - 3PEAK INC. TP2312 Datasheet HTML 8Page - 3PEAK INC. TP2312 Datasheet HTML 9Page - 3PEAK INC. TP2312 Datasheet HTML 10Page - 3PEAK INC. TP2312 Datasheet HTML 11Page - 3PEAK INC. TP2312 Datasheet HTML 12Page - 3PEAK INC. TP2312 Datasheet HTML 13Page - 3PEAK INC. TP2312 Datasheet HTML 14Page - 3PEAK INC. TP2312 Datasheet HTML 15Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
TP2311/TP2312 / TP2314
10MHz Bandwidth, Low Noise Precision Op-amps
www.3peakic.com.cn
Rev. A04
Figure 3. TP2311 EMIRR IN+ vs Frequency
ACTIVE FILTER
The TP2311 is well-suited for active filter applications that require a wide bandwidth, fast slew rate, low-noise,
single-supply operational amplifier. Figure 4 shows a 20-kHz, second-order, low-pass filter using the multiplefeedback
(MFB) topology. The components have been selected to provide a maximally-flat Butterworth response. Beyond the
cutoff frequency, roll-off is
–40 dB/dec. The Butterworth response is ideal for applications that require predictable gain
characteristics, such as the anti-aliasing filter used in front of an ADC.
One point to observe when considering the MFB filter is that the output is inverted, relative to the input. If this inversion
is not required, or not desired, a noninverting output can be achieved through one of these options:
1. adding an inverting amplifier;
2. adding an additional second-order MFB stage;
½
TP2311
VIN
C1
3000pF
R2
22k
Ω
22k
Ω
R4
R1
2.7k
Ω
10k
Ω
R3
C3
100pF
VO
C2
2000pF
20
p
f
kHz
Figure 4. TP2311 Configured as a Three-Pole, 20-kHz, Sallen-Key Filter
PCB Surface Leakage
0
10
20
30
40
50
60
70
80
90
100
40
400
4000
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com