Electronic Components Datasheet Search
  English  ▼

X  

TP2312 Datasheet(PDF) 18 Page - 3PEAK INC.

Part # TP2312
Description  10MHz Bandwidth, Low Noise Precision Op-amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2312 Datasheet(HTML) 18 Page - 3PEAK INC.

Back Button TP2312 Datasheet HTML 12Page - 3PEAK INC. TP2312 Datasheet HTML 13Page - 3PEAK INC. TP2312 Datasheet HTML 14Page - 3PEAK INC. TP2312 Datasheet HTML 15Page - 3PEAK INC. TP2312 Datasheet HTML 16Page - 3PEAK INC. TP2312 Datasheet HTML 17Page - 3PEAK INC. TP2312 Datasheet HTML 18Page - 3PEAK INC. TP2312 Datasheet HTML 19Page - 3PEAK INC. TP2312 Datasheet HTML 20Page - 3PEAK INC.  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
Rev. A04
www.3peakic.com.cn
TP2311 / TP2312 / TP2314
10MHz Bandwidth, Low Noise Precision Op-amps
Package Outline Dimensions
MSOP-8
Symbol
Dimensions
In Millimeters
Dimensions In
Inches
Min
Max
Min
Max
A
0.800
1.200
0.031
0.047
A1
0.000
0.200
0.000
0.008
A2
0.760
0.970
0.030
0.038
b
0.30 TYP
0.012 TYP
C
0.15 TYP
0.006 TYP
D
2.900
3.100
0.114
0.122
e
0.65 TYP
0.026
E
2.900
3.100
0.114
0.122
E1
4.700
5.100
0.185
0.201
L1
0.410
0.650
0.016
0.026
θ
0°
6°
0°
6°
E1
e
E
A1
D
L1
L2
L
R
R1
θ
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com