Electronic Components Datasheet Search
  English  ▼

X  

TP2331 Datasheet(PDF) 7 Page - 3PEAK INC.

Part # TP2331
Description  1.6MHz Bandwidth, Low Noise Precision Op?륾mps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2331 Datasheet(HTML) 7 Page - 3PEAK INC.

Back Button TP2331 Datasheet HTML 3Page - 3PEAK INC. TP2331 Datasheet HTML 4Page - 3PEAK INC. TP2331 Datasheet HTML 5Page - 3PEAK INC. TP2331 Datasheet HTML 6Page - 3PEAK INC. TP2331 Datasheet HTML 7Page - 3PEAK INC. TP2331 Datasheet HTML 8Page - 3PEAK INC. TP2331 Datasheet HTML 9Page - 3PEAK INC. TP2331 Datasheet HTML 10Page - 3PEAK INC. TP2331 Datasheet HTML 11Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
          
7 
TP2331/TP2332 / TP2334
1.6MHz Bandwidth, Low Noise Precision Op‐amps
www.3peakic.com
Rev. A
Typical Performance Characteristics
VS = ±2.75V, VCM = 0V, RL = Open, unless otherwise specified. (Continued)
0.1 Hz TO 10 Hz Input Voltage Noise
Offset Voltage vs Common-Mode Voltage
           
               
Positive Output Swing vs. Load Current
Negative Output Swing vs. Load Current
           
                
Time (1s/div)
‐1200
‐1000
‐800
‐600
‐400
‐200
0
200
‐2.5
‐1.5
‐0.5
0.5
1.5
2.5
Common-mode voltage(V)
Vcc=±2.5V
0
20
40
60
80
100
120
140
012
34
5
Vout Dropout (V)
25℃
-40℃
+125℃
‐200
‐180
‐160
‐140
‐120
‐100
‐80
‐60
‐40
‐20
0
0
123
45
Vout Dropout (V)
+125℃
25℃
-40℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com