Electronic Components Datasheet Search
  English  ▼

X  

TP2331 Datasheet(PDF) 12 Page - 3PEAK INC.

Part # TP2331
Description  1.6MHz Bandwidth, Low Noise Precision Op?륾mps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2331 Datasheet(HTML) 12 Page - 3PEAK INC.

Back Button TP2331 Datasheet HTML 8Page - 3PEAK INC. TP2331 Datasheet HTML 9Page - 3PEAK INC. TP2331 Datasheet HTML 10Page - 3PEAK INC. TP2331 Datasheet HTML 11Page - 3PEAK INC. TP2331 Datasheet HTML 12Page - 3PEAK INC. TP2331 Datasheet HTML 13Page - 3PEAK INC. TP2331 Datasheet HTML 14Page - 3PEAK INC. TP2331 Datasheet HTML 15Page - 3PEAK INC. TP2331 Datasheet HTML 16Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
 
12 
Rev. A
www.3peakic.com
TP2331 / TP2332 / TP2334 
1.6MHz Bandwidth, Low Noise Precision Op‐amps 
Package Outline Dimensions
SOT23-5
 
 
 
Symbol
Dimensions
In Millimeters
Dimensions
In Inches
Min
Max
Min
Max
A1
0.000
0.100
0.000
0.004
A2
1.050
1.150
0.041
0.045
b
0.300
0.400
0.012
0.016
D
2.820
3.020
0.111
0.119
E
1.500
1.700
0.059
0.067
E1
2.650
2.950
0.104
0.116
e
0.950TYP
0.037TYP
e1
1.800
2.000
0.071
0.079
L1
0.300
0.460
0.012
0.024
θ
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com