Electronic Components Datasheet Search
  English  ▼

X  

TP2331 Datasheet(PDF) 1 Page - 3PEAK INC.

Part # TP2331
Description  1.6MHz Bandwidth, Low Noise Precision Op?륾mps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2331 Datasheet(HTML) 1 Page - 3PEAK INC.

  TP2331 Datasheet HTML 1Page - 3PEAK INC. TP2331 Datasheet HTML 2Page - 3PEAK INC. TP2331 Datasheet HTML 3Page - 3PEAK INC. TP2331 Datasheet HTML 4Page - 3PEAK INC. TP2331 Datasheet HTML 5Page - 3PEAK INC. TP2331 Datasheet HTML 6Page - 3PEAK INC. TP2331 Datasheet HTML 7Page - 3PEAK INC. TP2331 Datasheet HTML 8Page - 3PEAK INC. TP2331 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
 
 
1 
TP2331/TP2332  /TP2334
1.6MHz  Bandwidth,  Low  Noise  Precision  Op‐amps
www.3peakic.com
Rev. A
Features
Offset Voltage: 50 μV (max)
Low Noise: 13nV/√Hz(f= 1kHz)
Supply Current: 190μA/ch
Low THD+N: 0.0005%
Supply Range: 2.2V to 5.5V
Low Input Bias Current: 0.3pA Typical
Slew Rate: 0.9 V/μs
EMIRR IN+: 85 dB( under 2.4GHz)
Gain-bandwidth Product: 1.6MHz
Rail-to-Rail I/O
High Output Current: 70mA (1.0V Drop)
–40°C to 125°C Operation Range
Robust 7kV – HBM and 2kV – CDM ESD Rating
Applications
Photodiode detection
High Impedance Sensor Amplifier
Microvolt Accuracy Threshold Detection
Instrumentation Amplifiers
Communications
Security
Battery Powered Applications
Pin Configuration (Top View)
TP2332
8-Pin SOP/MSOP
(-S and -V Suffixes)
8
6
5
7
3
2
1
4
Out A
﹢
In A
﹣
In A
﹢
In B
﹣
In B
Out B
A
B
﹣
Vs
﹢
Vs
TP2334
14-Pin SOP/TSSOP
(-S and -T Suffixes)
14
13
12
11
10
9
8
6
5
7
3
2
1
4
Out A
﹢
In A
﹣
In A
D
A
C
B
Out D
﹢
In D
﹣
In D
Out B
﹢
In B
﹣
In B
Out C
﹢
In C
﹣
In C
﹣
Vs
﹢
Vs
TP2331
8-Pin SOP
(-S Suffix)
Out
TP2331
5-Pin SOT23
(-T Suffix)
8
6
5
7
3
2
1
4
NC
﹢
In
﹣
In
﹣
Vs
﹢
Vs
NC
NC
4
5
3
2
1
Out
+In
-In
﹣
Vs
﹢
Vs
  
Description
The TP2331/TP2332/TP2334 are single/dual/quad, low
offset, low noise operational amplifiers with low power
consumption and rail-to-rail input/output swing.
Input offset voltage is trimmed to less than 50μV and the
CMOS inputs draw less than 0.3pA of bias current. The
low offset drift, excellent CMRR, and high voltage gain
make it a good choice for precision signal conditioning.
Each amplifier draws only 190μA current on a 3V supply.
The micro power, rail-to-rail operation of the TP233x
series is well suited for portable instruments and single
supply applications.
The TP2331 is single channel version available in 8-pin
SOP and 5-pin SOT23 packages. The TP2332 is dual
channel version available in 8-pin SOP and MSOP
packages. The TP2334 is quad channel version
available in 14-pin SOP and TSSOP packages.
3PEAK and the 3PEAK logo are registered trademarks of
3PEAK INCORPORATED. All other trademarks are the property of
their respective owners.
Offset Voltage Production Distribution
 
0
500
1000
1500
2000
2500
‐50
‐40
‐30
‐20
‐10
0
10
203040
50
Offset Voltage
Number = 53158 pcs


Similar Part No. - TP2331

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP233 ETC1-TP233 Datasheet
62Kb / 2P
1.5 WATT and DUAL OUTPUT DC-DC CONVERTERS
logo
DB Unlimited.
TP233412-1 DBUNLIMITED-TP233412-1 Datasheet
748Kb / 1P
Released from Engineering
More results

Similar Description - TP2331

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9617 AD-AD9617 Datasheet
140Kb / 10P
Low Distortion, Precision, Wide Bandwidth Op Amp
REV.B
AD9618 AD-AD9618 Datasheet
414Kb / 8P
Low Distortion, Precision, Wide Bandwidth Op Amp
logo
Maxim Integrated Produc...
MAX427 MAXIM-MAX427 Datasheet
406Kb / 12P
Low Noise, High-Precision Op Amps
19-0095; Rev 0; 11/92
MXL1007 MAXIM-MXL1007 Datasheet
246Kb / 8P
Low-Noise, Precision Op Amp
19-0096; Rev 1; 8/94
logo
Analog Devices
AD9618 AD-AD9618_15 Datasheet
474Kb / 8P
LOW DISTORTION PRECISION WIDE BANDWIDTH OP AMP
REV. A
logo
3PEAK INC.
TP1251 3PEAK-TP1251 Datasheet
470Kb / 14P
36V Single Supply, Low Power, Precision Op?륾mps
TP2301 3PEAK-TP2301 Datasheet
573Kb / 17P
20MHz Bandwidth, Low Noise High Precision Op?륾mps
TP2311 3PEAK-TP2311 Datasheet
1Mb / 20P
10MHz Bandwidth, Low Noise Precision Op-amps
TP2401 3PEAK-TP2401 Datasheet
575Kb / 17P
20MHz Bandwidth, Low Noise CMOS Op?륾mps
TP2431 3PEAK-TP2431 Datasheet
1Mb / 16P
1.6MHz Bandwidth, Micropower Low Noise Op-amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com