Electronic Components Datasheet Search
  English  ▼

X  

TP2331 Datasheet(PDF) 8 Page - 3PEAK INC.

Part # TP2331
Description  1.6MHz Bandwidth, Low Noise Precision Op?륾mps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2331 Datasheet(HTML) 8 Page - 3PEAK INC.

Back Button TP2331 Datasheet HTML 4Page - 3PEAK INC. TP2331 Datasheet HTML 5Page - 3PEAK INC. TP2331 Datasheet HTML 6Page - 3PEAK INC. TP2331 Datasheet HTML 7Page - 3PEAK INC. TP2331 Datasheet HTML 8Page - 3PEAK INC. TP2331 Datasheet HTML 9Page - 3PEAK INC. TP2331 Datasheet HTML 10Page - 3PEAK INC. TP2331 Datasheet HTML 11Page - 3PEAK INC. TP2331 Datasheet HTML 12Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
 
8 
Rev. A
www.3peakic.com
TP2331 / TP2332 / TP2334 
1.6MHz Bandwidth, Low Noise Precision Op‐amps 
Pin Functions
-IN: Inverting Input of the Amplifier.
+IN: Non-Inverting Input of Amplifier.
OUT: Amplifier Output. The voltage range extends to
within mV of each supply rail.
V+ or +Vs: Positive Power Supply. Typically the voltage
is from 2.2V to 5.5V. Split supplies are possible as long
as the voltage between V+ and V– is between 2.2V and
5.5V. A bypass capacitor of 0.1μF as close to the part as
possible should be used between power supply pins or
between supply pins and ground.
V- or -Vs: Negative Power Supply. It is normally tied to
ground. It can also be tied to a voltage other than
ground as long as the voltage between V+ and V– is from
2.2V to 5.5V. If it is not connected to ground, bypass it
with a capacitor of 0.1μF as close to the part as
possible.
Operation
The TP2331/TP2332/TP2334 can operate from a single +2.2V to +5.5V power supply, or from ±1.1V to ±2.75V power
supplies. The power supply pin(s) must be bypassed to ground with a 0.1μF capacitor as close to the pin as possible.
This series are high-precision op amps with a CMOS input stage and an excellent set of DC and AC features. The
combination of tight maximum voltage offset, low offset tempco and very low input current make them ideal for use in
high-precision DC circuits. They feature low-voltage operation, low-power consumption, high-current drive with
rail-to-rail output swing and high-gain bandwidth product.
Applications Information
High Accuracy
The TP2331/TP2332/TP2334 maximum input offset voltage is 50μV (2μV, typ) at +25°C. The maximum temperature
coefficient of the offset voltage are guaranteed to be 2μV/°C. The parts have an input bias current of 0.3pA. Noise
characteristics are 13nV/√Hz, and a low frequency noise (0.1Hz to 10Hz) of 4.1μVp-p. The CMRR is 140dB, and the PSRR is
120dB. The combination is what is necessary for the design of circuits to process signals while keeping high signal-to-noise
ratios, as in stages preceding high-resolution converters, or when they are produced by sensors or transducers generating
very small outputs.
Rail-to-Rail Inputs and Outputs
The TP233x op amps are designed to be immune to phase reversal when the input pins exceed the supply voltages,
therefore providing further in-system stability and predictability. Figure 1 shows the input voltage exceeding the supply
voltage without any phase reversal.
Figure 1. No Phase Reversal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com