Electronic Components Datasheet Search
  English  ▼

X  

TLV75801PDBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV75801PDBVT
Description  500-mA, high-accuracy, adjustable LDO in a small size package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV75801PDBVT Datasheet(HTML) 3 Page - Texas Instruments

  TLV75801PDBVT Datasheet HTML 1Page - Texas Instruments TLV75801PDBVT Datasheet HTML 2Page - Texas Instruments TLV75801PDBVT Datasheet HTML 3Page - Texas Instruments TLV75801PDBVT Datasheet HTML 4Page - Texas Instruments TLV75801PDBVT Datasheet HTML 5Page - Texas Instruments TLV75801PDBVT Datasheet HTML 6Page - Texas Instruments TLV75801PDBVT Datasheet HTML 7Page - Texas Instruments TLV75801PDBVT Datasheet HTML 8Page - Texas Instruments TLV75801PDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
1
IN
2
GND
3
EN
4
FB
5
OUT
Not to scale
1
OUT
6
IN
2
FB
5
DNC
3
GND
4
EN
Not to scale
Thermal
pad
3
TLV758P
www.ti.com
SBVS351C – APRIL 2018 – REVISED MARCH 2019
Product Folder Links: TLV758P
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
5 Pin Configuration and Functions
DRV Package
6-Pin Adjustable WSON
Top View
DBV Package (Preview)
5-Pin Adjustable SOT-23
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
DRV
DBV
DNC
5
—
—
Do not connect
EN
4
3
Input
Enable pin. Drive EN greater than VEN(HI) to turn on the regulator.
Drive EN less than VEN(LO) to put the LDO into shutdown mode.
FB
2
4
—
This pin is used as an input to the control loop error amplifier and is used to
set the output voltage of the LDO.
GND
3
2
—
Ground pin
IN
6
1
Input
Input pin. For best transient response and to minimize input impedance, use
the recommended value or larger ceramic capacitor from IN to ground as
listed in the Recommended Operating Conditions table and the Input and
Output Capacitor Selection section. Place the input capacitor as close to the
output of the device as possible.
OUT
1
5
Output
Regulated output voltage pin. A capacitor is required from OUT to ground for
stability. For best transient response, use the nominal recommended value or
larger ceramic capacitor from OUT to ground; see the Recommended
Operating Conditions table and the Input and Output Capacitor Selection
section. Place the output capacitor as close to output of the device as
possible.
Thermal pad
Pad
—
—
Connect the thermal pad to a large area GND plane for improved thermal
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com