Electronic Components Datasheet Search
  English  ▼

X  

TLV75801PDBVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV75801PDBVT
Description  500-mA, high-accuracy, adjustable LDO in a small size package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV75801PDBVT Datasheet(HTML) 5 Page - Texas Instruments

  TLV75801PDBVT Datasheet HTML 1Page - Texas Instruments TLV75801PDBVT Datasheet HTML 2Page - Texas Instruments TLV75801PDBVT Datasheet HTML 3Page - Texas Instruments TLV75801PDBVT Datasheet HTML 4Page - Texas Instruments TLV75801PDBVT Datasheet HTML 5Page - Texas Instruments TLV75801PDBVT Datasheet HTML 6Page - Texas Instruments TLV75801PDBVT Datasheet HTML 7Page - Texas Instruments TLV75801PDBVT Datasheet HTML 8Page - Texas Instruments TLV75801PDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
5
TLV758P
www.ti.com
SBVS351C – APRIL 2018 – REVISED MARCH 2019
Product Folder Links: TLV758P
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
6.4 Thermal Information
THERMAL METRIC
TLV758P
UNIT
DBV (SOT-23)
DRV (WSON)
5 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
176.9
80.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
95.3
98.7
°C/W
RθJB
Junction-to-board thermal resistance
45.0
44.8
°C/W
ψJT
Junction-to-top characterization parameter
21.0
6.1
°C/W
ψJB
Junction-to-board characterization parameter
44.8
45.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
20.8
°C/W
(1)
When the device is connected to external feedback resistors at the FB pin, external resistor tolerances are not included
(2)
VIN = 1.5V for VOUT < 1.0 V
6.5 Electrical Characteristics
at operating temperature range (TJ = –40°C to +125°C),VIN = VOUT(NOM) + 0.5 V or 1.5 V (whichever isgreater), IOUT = 1 mA,
VEN =VIN, and CIN = COUT = 1 uF(unless otherwise noted); all typical values are at TJ = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VFB
Feedback voltage
TJ = 25°C
0.55
V
Output accuracy(1)
TJ = 25°C
–0.7%
0.7%
–40°C
≤ TJ ≤ +85°C
–1%
1%
–40°C
≤ TJ ≤ +125°C
–1.5%
1.5%
Line regulation
VOUT(NOM) + 0.5 V
(2) ≤ V
IN ≤ 6.0 V
2
7.5
mV
Load regulation
0.1 mA
≤ IOUT ≤ 500 mA, VIN ≥ 2.0 V
0.030
V/A
IGND
Ground current
IOUT = 0 mA
TJ = 25°C
10
25
31
µA
IGND
Ground current
–40°C
≤ TJ ≤ +125°C
35
µA
ISHDN
Shutdown current
VEN ≤ 0.3 V, 1.5 V ≤ VIN ≤ 6.0 V
0.1
1
µA
IFB
Feedback pin current
0.01
0.1
µA
ICL
Output current limit
VIN = VOUT(NOM) + 1.0 V
VOUT = VOUT(NOM) – 0.2 V,
VOUT < 1.5 V
530
720
865
mA
VOUT = 0.9 V × VOUT(NOM),
VOUT ≥ 1.5 V
530
720
865
ISC
Short-circuit current limit
VIN = VOUT(NOM) + 1.0 V
VOUT = 0 V
350
mA
VDO
Dropout voltage
IOUT = 500 mA,
–40°C
≤ TJ ≤ +125°C,
VOUT = 0.95 × VOUT(NOM)
0.65 V
≤ VOUT < 0.8 V
720
880
mV
0.8 V
≤ VOUT < 1.0 V
585
750
1.0 V
≤ VOUT < 1.2 V
420
570
1.2 V
≤ VOUT < 1.5 V
285
400
1.5 V
≤ VOUT < 1.8 V
180
235
1.8 V
≤ VOUT < 2.5 V
140
185
2.5 V
≤ VOUT < 3.3 V
102
140
3.3 V
≤ VOUT ≤ 5.5 V
95
130
PSRR
Power-supply rejection ratio
VIN = VOUT(NOM) + 1.0 V,
IOUT = 50 mA
f = 1 kHz
50
dB
f = 100 kHz
45
f = 1 MHz
30
Vn
Output noise voltage
BW = 10 Hz to 100 kHz, VOUT = 0.9 V
53
µVRMS
VUVLO
Undervoltage lockout
VIN rising
1.21
1.33
1.47
V
VIN falling
1.17
1.29
1.42
V
VUVLO,
HYST
Undervoltage lockout hysteresis
VIN Hysteresis
40
mV
tSTR
Startup time
From EN low-to-high transition to VOUT = VOUT(NOM) × 95%
500
µs
VEN(HI)
EN pin high voltage
1.0
V
VEN(LO)
EN pin low voltage
0.3
V
IEN
Enable pin current
VIN = EN = 6.0 V
10
nA
RPULL
DOWN
Pulldown resistance
VIN = 6.0 V
95
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com