Electronic Components Datasheet Search
  English  ▼

X  

TLV75801PDBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV75801PDBVT
Description  500-mA, high-accuracy, adjustable LDO in a small size package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV75801PDBVT Datasheet(HTML) 1 Page - Texas Instruments

  TLV75801PDBVT Datasheet HTML 1Page - Texas Instruments TLV75801PDBVT Datasheet HTML 2Page - Texas Instruments TLV75801PDBVT Datasheet HTML 3Page - Texas Instruments TLV75801PDBVT Datasheet HTML 4Page - Texas Instruments TLV75801PDBVT Datasheet HTML 5Page - Texas Instruments TLV75801PDBVT Datasheet HTML 6Page - Texas Instruments TLV75801PDBVT Datasheet HTML 7Page - Texas Instruments TLV75801PDBVT Datasheet HTML 8Page - Texas Instruments TLV75801PDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
IN
OUT
GND
EN
DNC
TLV758P
VOUT
VIN
FB
CIN
COUT
VEN
R2
R1
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
TLV758P
SBVS351C – APRIL 2018 – REVISED MARCH 2019
TLV758P 500-mA, high-accuracy, adjustable LDO in a small size package
1
1 Features
1
•
Input voltage range: 1.5 V to 6.0 V
•
Adjustable output voltage:
–
0.55 V to 5.5 V
•
Low Dropout:
–
130 mV (max) at 500 mA (3.3 VOUT)
•
High output accuracy: 0.7% (typical) and 1%
(maximum over temperature)
•
IQ: 25 µA (typical)
•
Built-in soft-start with monotonic VOUT rise
•
Packages:
–
2-mm × 2-mm WSON-6 (DRV)
–
SOT23-5 (DBV) (preview)
•
Active output discharge
2 Applications
•
Set-top boxes, gaming consoles
•
Home theater and entertainment
•
Desktops, notebooks, ultrabooks
•
Printers
•
Servers
•
Thermostat and lighting control
•
Electronic point of sale (EPOS)
3 Description
The TLV758P is an adjustable 500-mA low-dropout
(LDO) regulator. This device is available in a small, 6-
pin, 2-mm × 2-mm WSON package and a 5-pin
SOT23 package and consumes very low quiescent
current and provides fast line and load transient
performance. The TLV758P features an ultra-low
dropout of 130 mV at 500 mA that can help improve
the power efficiency of the system.
The TLV758P is optimized for a wide variety of
applications by supporting an input voltage range
from 1.5 V to 6.0 V and an externally adjustable
output range of 0.55 V to 5.5 V. The low output
voltage enables this LDO to power the modern
microcontrollers with lower core voltages.
The TLV758P is stable with small ceramic output
capacitors, allowing for a small overall solution size.
A precision band-gap and error amplifier provides
high accuracy of 0.7% (max) at 25°C and 1% (max)
over
temperature
(85ºC).
This
device
includes
integrated
thermal
shutdown,
current
limit,
and
undervoltage lockout (UVLO) features. The TLV758P
has an internal foldback current limit that helps
reduce the thermal dissipation during short-circuit
events.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV758P
WSON (6)
2.00 mm × 2.00 mm
SOT-23 (5)(2)
2.90 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) Preview device.
Typical Application


Similar Part No. - TLV75801PDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV75801PDBVT TI1-TLV75801PDBVT Datasheet
2Mb / 32P
500-mA, high-accuracy, adjustable LDO in a small size package
TLV75801PDBVT TI1-TLV75801PDBVT Datasheet
3Mb / 37P
TLV758P 500-mA, High-Accuracy, Adjustable LDO in a Small Size Package
OCTOBER 2023
TLV75801PDBVT TI2-TLV75801PDBVT Datasheet
3Mb / 37P
TLV758P 500-mA, High-Accuracy, Adjustable LDO in a Small Size Package
REVISED OCTOBER 2023
TLV75801PDBVT.A TI2-TLV75801PDBVT.A Datasheet
3Mb / 37P
TLV758P 500-mA, High-Accuracy, Adjustable LDO in a Small Size Package
REVISED OCTOBER 2023
More results

Similar Description - TLV75801PDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A90 TI1-TPS7A90 Datasheet
2Mb / 33P
500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
TLV758P TI1-TLV758P Datasheet
754Kb / 16P
500-mA LDO in Small 2-mm x 2-mm WSON Package
TLV758P TI1-TLV758P_18 Datasheet
1Mb / 22P
500-mA LDO in Small 2-mm x 2-mm WSON Package
TLV758P TI1-TLV758P_19 Datasheet
2Mb / 32P
500-mA, high-accuracy, adjustable LDO in a small size package
TPS745-Q1 TI1-TPS745-Q1_V01 Datasheet
2Mb / 30P
TPS745-Q1 500-mA LDO With Power-Good in a Small Wettable Flank WSON Package
TLV751 TI1-TLV751 Datasheet
2Mb / 29P
TLV751 Dual, 500-mA, High-Accuracy, Adjustable-LDO in a Small-Size Package
TLV752 TI1-TLV752 Datasheet
1Mb / 29P
TLV752 Dual, 1-A, High-Accuracy, Adjustable-LDO in a Small-Size Package
TLV751 TI1-TLV751_V01 Datasheet
2Mb / 31P
TLV751 Dual, 500-mA, High-Accuracy, LDO in a Small-Size Package
logo
New Japan Radio
NJW4106 NJRC-NJW4106 Datasheet
715Kb / 15P
HIGH VOLTAGE IO = 500 mA ADJUSTABLE LDO REGULATOR
Ver.1.0
NJW4106T1 NJRC-NJW4106T1 Datasheet
744Kb / 15P
HIGH VOLTAGE IO = 500 mA ADJUSTABLE LDO REGULATOR
Ver.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com