Electronic Components Datasheet Search
  English  ▼

X  

TLV75801PDBVT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV75801PDBVT
Description  500-mA, high-accuracy, adjustable LDO in a small size package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV75801PDBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV75801PDBVT Datasheet HTML 5Page - Texas Instruments TLV75801PDBVT Datasheet HTML 6Page - Texas Instruments TLV75801PDBVT Datasheet HTML 7Page - Texas Instruments TLV75801PDBVT Datasheet HTML 8Page - Texas Instruments TLV75801PDBVT Datasheet HTML 9Page - Texas Instruments TLV75801PDBVT Datasheet HTML 10Page - Texas Instruments TLV75801PDBVT Datasheet HTML 11Page - Texas Instruments TLV75801PDBVT Datasheet HTML 12Page - Texas Instruments TLV75801PDBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Output Current (mA)
0
100
200
300
400
500
600
700
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
TJ
-50qC
-40qC
-20qC
0qC
25qC
85qC
125qC
Time (ms)
0
0.5
1
1.5
2
0
-45
1
-40
2
-35
3
-30
4
-25
5
-20
6
-15
7
-10
8
-5
9
0
10
5
11
10
12
15
13
20
14
25
Vin
Vout
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
440
480
520
560
600
640
680
720
760
800
840
VEN(LO)
VEN(HI)
Input Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
-50
0
50
100
150
200
250
300
TJ
±
qC
±
qC
±
qC
0qC
125qC
85qC
125qC
150qC
Output Current (A)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
TJ
±
qC
±
qC
±
qC
0qC
25qC
85qC
125qC
150qC
Pulldown Current (mA)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
80
160
240
320
400
480
560
640
TJ
±
qC
±
qC
±
qC
0qC
25qC
85qC
125qC
150qC
9
TLV758P
www.ti.com
SBVS351C – APRIL 2018 – REVISED MARCH 2019
Product Folder Links: TLV758P
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at operating temperature range TJ = 25°C, VIN = VOUT(NOM) + 0.5 V or 1.5 V (whichever is greater), IOUT = 1 mA, VEN = VIN, and
CIN = COUT = 1 µF (unless otherwise noted)
VIN = 6 V, VOUT = 5.5 V
Figure 13. 5-V Load Regulation vs IOUT
Figure 14. VOUT vs IOUT Pulldown Resistor
Figure 15. VEN(HI) and VEN(LO) vs Temperature
VEN = 5.5 V
Figure 16. IEN vs VIN
Figure 17. 3.3-V Foldback Current Limit vs IOUT
VOUT = 0.55 V, IOUT = 1 mA, VIN slew rate = 1 V/µs
Figure 18. 0.55-V Line Transient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com