Electronic Components Datasheet Search
  English  ▼

X  

RFM22B Datasheet(PDF) 13 Page - HOPE Microelectronics CO., Ltd.

Part # RFM22B
Description  ISM TRANSCEIVER MODULE
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM22B Datasheet(HTML) 13 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM22B Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. RFM22B Datasheet HTML 10Page - HOPE Microelectronics CO., Ltd. RFM22B Datasheet HTML 11Page - HOPE Microelectronics CO., Ltd. RFM22B Datasheet HTML 12Page - HOPE Microelectronics CO., Ltd. RFM22B Datasheet HTML 13Page - HOPE Microelectronics CO., Ltd. RFM22B Datasheet HTML 14Page - HOPE Microelectronics CO., Ltd. RFM22B Datasheet HTML 15Page - HOPE Microelectronics CO., Ltd. RFM22B Datasheet HTML 16Page - HOPE Microelectronics CO., Ltd. RFM22B Datasheet HTML 17Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
RFM22B/23B
13
2.1. Operating Modes
The RFM22B/23B provides several operating modes which can be used to optimize the power consumption for a
given application. Depending upon the system communication protocol, an optimal trade-off between the radio
wake time and power consumption can be achieved.
Table 9 summarizes the operating modes of the RFM22B/23B. In general, any given operating mode may be
classified as an active mode or a power saving mode. The table indicates which block(s) are enabled (active) in
each corresponding mode. With the exception of the SHUTDOWN mode, all can be dynamically selected by
sending the appropriate commands over the SPI. An “X” in any cell means that, in the given mode of operation,
that block can be independently programmed to be either ON or OFF, without noticeably impacting the current
consumption. The SPI circuit block includes the SPI interface hardware and the device register space. The 32 kHz
OSC block includes the 32.768 kHz RC oscillator or 32.768 kHz crystal oscillator and wake-up timer. AUX
(Auxiliary Blocks) includes the temperature sensor, general purpose ADC, and low-battery detector.
Table 9. Operating Modes
Mode
Name
Circuit Blocks
Digital LDO
SPI
32 kHz OSC AUX
30 MHz
XTAL
PLL
PA
RX
IVDD
SHUT-
DOWN
OFF (Register
contents lost)
OFF
OFF
OFF
OFF
OFF
OFF
OFF
15 nA
STANDBY
ON (Register
contents
retained)
ON
OFF
OFF
OFF
OFF
OFF
OFF
450 nA
SLEEP
ON
ON
X
OFF
OFF
OFF
OFF
1 µA
SENSOR
ON
X
ON
OFF
OFF
OFF
OFF
1 µA
READY
ON
X
X
ON
OFF
OFF
OFF
800 µA
TUNING
ON
X
X
ON
ON
OFF
OFF
8.5 mA
TRANSMIT
ON
X
X
ON
ON
ON
OFF
30 mA*
RECEIVE
ON
X
X
ON
ON
OFF
ON
18.5 mA
*Note: Using RFM23B at +13 dBm using recommended reference design.
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com