Electronic Components Datasheet Search
  English  ▼

X  

RFM22B Datasheet(PDF) 64 Page - HOPE Microelectronics CO., Ltd.

Part # RFM22B
Description  ISM TRANSCEIVER MODULE
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM22B Datasheet(HTML) 64 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM22B Datasheet HTML 60Page - HOPE Microelectronics CO., Ltd. RFM22B Datasheet HTML 61Page - HOPE Microelectronics CO., Ltd. RFM22B Datasheet HTML 62Page - HOPE Microelectronics CO., Ltd. RFM22B Datasheet HTML 63Page - HOPE Microelectronics CO., Ltd. RFM22B Datasheet HTML 64Page - HOPE Microelectronics CO., Ltd. RFM22B Datasheet HTML 65Page - HOPE Microelectronics CO., Ltd. RFM22B Datasheet HTML 66Page - HOPE Microelectronics CO., Ltd. RFM22B Datasheet HTML 67Page - HOPE Microelectronics CO., Ltd. RFM22B Datasheet HTML 68Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 74 page
background image
RFM22B/23B
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com
http://www.hoperf.com
64
VCC
S
+1.8 to +3.6 V supply voltage. The recommended VCC supply voltage is +3.3 V.
GND
S
Ground reference.
GPIO_0
I/O
GPIO_1
I/O
GPIO_2
I/O
General Purpose Digital I/O that may be configured through the registers to perform various
functions including: Microcontroller Clock Output, FIFO status, POR, Wake-Up timer, Low
Battery Detect, TRSW, AntDiversity control, etc. See the SPI GPIO Configuration Registers,
Address 0Bh, 0Ch, and 0Dh for more information.
SDO
O
0–VCC V digital output that provides a serial readback function of the internal control
registers.
SDI
I
Serial Data input. 0–VCC V digital input. This pin provides the serial data stream for the 4-line
serial data bus.
SCLK
I
Serial Clock input. 0–VDD V digital input. This pin provides the serial data clock function for
the 4-line serial data bus. Data is clocked into the RFM23A on positive edge transitions.
nSEL
I
Serial Interface Select input. 0– VCC V digital input. This pin provides the Select/Enable
function for the 4-line serial data bus. The signal is also used to signify burst read/write mode.
nIRQ
O
General Microcontroller Interrupt Status output. When the RFM23A exhibits anyone of the
Interrupt Events the nIRQ pin will be set low=0. Please see the Control Logic registers
section for more information on the Interrupt Events. The Microcontroller can then determine
the state of the interrupt by reading a corresponding SPI Interrupt Status Registers, Address
03h and 04h.
SDN
I
Shutdown input pin. 0–VCC V digital input. SDN should be = 0 in all modes except Shutdown
mode. When SDN =1 the chip will be completely shutdown and the contents of the registers
will be lost.
NC
NC
ANT
I/O
RF signal output/input.(50 OHM output
/input Impedance)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com