| Electronic Components Datasheet Search |
|
RFM22B Datasheet(PDF) 39 Page - HOPE Microelectronics CO., Ltd. |
|
|
|||||||||||||||||||||||||||||
RFM22B Datasheet(HTML) 39 Page - HOPE Microelectronics CO., Ltd. |
|
39 / 74 page ![]() RFM22B/23B 39 6.3. Packet Handler TX Mode If the TX packet length is set the packet handler will send the number of bytes in the packet length field before returning to IDLE mode and asserting the packet sent interrupt. To resume sending data from the FIFO the microcontroller needs to command the chip to re-enter TX mode. Figure 19 provides an example transaction where the packet length is set to three bytes. Figure 19. Multiple Packets in TX Packet Handler 6.4. Packet Handler RX Mode 6.4.1. Packet Handler Disabled When the packet handler is disabled certain fields in the received packet are still required. Proper modem operation requires preamble and sync when the FIFO is being used, as shown in Figure 20. Bits after sync will be treated as raw data with no qualification. This mode allows for the creation of a custom packet handler when the automatic qualification parameters are not sufficient. Manchester encoding is supported but data whitening, CRC, and header checks are not. Figure 20. Required RX Packet Structure with Packet Handler Disabled 6.4.2. Packet Handler Enabled When the packet handler is enabled, all the fields of the packet structure need to be configured. Register contents are used to construct the header field and length information encoded into the transmitted packet when transmitting. The receive FIFO can be configured to handle packets of fixed or variable length with or without a header. If multiple packets are desired to be stored in the FIFO, then there are options available for the different fields that will be stored into the FIFO. Figure 21 demonstrates the options and settings available when multiple packets are enabled. Figure 22 demonstrates the operation of fixed packet length and correct/incorrect packets. Figure 21. Multiple Packets in RX Packet Handler Data 1 Data 2 Data 3 Data 4 Data 5 Data 6 Data 7 Data 8 Data 9 } } } T his w ill be sent in the first transm ission T his w ill be sent in the second transm ission T his w ill be sent in the third transm ission Preamble SYNC DATA Register Data Register Data FIFO Data Header(s) Length rx_multi_pk_en = 1 H Data rx_multi_pk_en = 0 txhdlen = 0 txhdlen > 0 fixpklen fixpklen 0 1 01 Data Data Data Data L L H RX FIFO Contents: Transmission: Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |