Electronic Components Datasheet Search
  English  ▼

X  

RFM22B Datasheet(PDF) 21 Page - HOPE Microelectronics CO., Ltd.

Part # RFM22B
Description  ISM TRANSCEIVER MODULE
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM22B Datasheet(HTML) 21 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM22B Datasheet HTML 17Page - HOPE Microelectronics CO., Ltd. RFM22B Datasheet HTML 18Page - HOPE Microelectronics CO., Ltd. RFM22B Datasheet HTML 19Page - HOPE Microelectronics CO., Ltd. RFM22B Datasheet HTML 20Page - HOPE Microelectronics CO., Ltd. RFM22B Datasheet HTML 21Page - HOPE Microelectronics CO., Ltd. RFM22B Datasheet HTML 22Page - HOPE Microelectronics CO., Ltd. RFM22B Datasheet HTML 23Page - HOPE Microelectronics CO., Ltd. RFM22B Datasheet HTML 24Page - HOPE Microelectronics CO., Ltd. RFM22B Datasheet HTML 25Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
RFM22B/23B
21
3.5. Frequency Control
For calculating the necessary frequency register settings it is recommended that customers use
the HOPERF Register Calculator worksheet (in Microsoft Excel) available on
These methods offer a simple method to quickly determi ne the correct settings based on the
application requirements. The following information can be used to calculated these values manually.
3.5.1. Frequency Programming
In order to receive or transmit an RF signal, the desired channel frequency, fcarrier, must be programmed into the
RFM22B/23B. The carrier frequency is generated by a Fractional-N Synthesizer, using 10 MHz both as the
reference frequency and the clock of the (3rd order)
ΔΣ modulator. This modulator uses modulo 64000
accumulators. This design was made to obtain the desired frequency resolution of the synthesizer. The overall
division ratio of the feedback loop consist of an integer part (N) and a fractional part (F).In a generic sense, the
output frequency of the synthesizer is as follows:
The fractional part (F) is determined by three different values, Carrier Frequency (fc[15:0]), Frequency Offset
(fo[8:0]), and Frequency Deviation (fd[7:0]). Due to the fine resolution and high loop bandwidth of the synthesizer,
FSK modulation is applied inside the loop and is done by varying F according to the incoming data; this is
discussed further in "3.5.4. Frequency Deviation"
Also, a fixed offset can be added to fine-tune the
carrier frequency and counteract crystal tolerance errors. For simplicity assume that only the fc[15:0] register will
determine the fractional component. The equation for selection of the carrier frequency is shown below:
The integer part (N) is determined by fb[4:0]. Additionally, the output frequency can be halved by connecting a ÷2
divider to the output. This divider is not inside the loop and is controlled by the hbsel bit in "Register 75h.
Frequency Band Select." This effectively partitions the entire 240–960 MHz frequency range into two separate
bands: High Band (HB) for hbsel = 1, and Low Band (LB) for hbsel = 0. The valid range of fb[4:0] is from 0 to 23. If
a higher value is written into the register, it will default to a value of 23. The integer part has a fixed offset of 24
added to it as shown in the formula above. Table 12 demonstrates the selection of fb[4:0] for the corresponding
frequency band.
After selection of the fb (N) the fractional component may be solved with the following equation:
fb and fc are the actual numbers stored in the corresponding registers.
Add R/W Function/Description
D7
D6
D5
D4
D3
D2
D1
D0 POR Def.
73
R/W
Frequency Offset 1
fo[7]
fo[6]
fo[5]
fo[4]
fo[3]
fo[2]
fo[1]
fo[0]
00h
74
R/W
Frequency Offset 2
fo[9]
fo[8]
00h
75
R/W Frequency Band Select
sbsel
hbsel
fb[4]
fb[3]
fb[2]
fb[1]
fb[0]
35h
76
R/W
Nominal Carrier
Frequency 1
fc[15]
fc[14]
fc[13]
fc[12]
fc[11]
fc[10]
fc[9]
fc[8]
BBh
77
R/W
Nominal Carrier
Frequency 0
fc[7]
fc[6]
fc[5]
fc[4]
fc[3]
fc[2]
fc[1]
fc[0]
80h
)
(
10
F
N
MHz
f
OUT
)
(
)
1
(
10
F
N
hbsel
MHz
f
carrier
)
64000
]
0
:
15
[
24
]
0
:
4
[
(
*
)
1
(
*
10
fc
fb
hbsel
MHz
f
TX
64000
*
24
]
0
:
4
[
)
1
(
*
10
]
0
:
15
[


fb
hbsel
MHz
f
fc
TX
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
the product website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com