Electronic Components Datasheet Search
  English  ▼

X  

MSM7502 Datasheet(PDF) 21 Page - OKI electronic componets

Part # MSM7502
Description  Multi-Function PCM CODEC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7502 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button MSM7502 Datasheet HTML 17Page - OKI electronic componets MSM7502 Datasheet HTML 18Page - OKI electronic componets MSM7502 Datasheet HTML 19Page - OKI electronic componets MSM7502 Datasheet HTML 20Page - OKI electronic componets MSM7502 Datasheet HTML 21Page - OKI electronic componets MSM7502 Datasheet HTML 22Page - OKI electronic componets MSM7502 Datasheet HTML 23Page - OKI electronic componets MSM7502 Datasheet HTML 24Page - OKI electronic componets MSM7502 Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
¡ Semiconductor
MSM7502
21/35
AC Characteristics 4 (Sounder Output Circuit)
VST1
VST2
VST3
VST4
Sounder Tone Output
Amplitude (VOL13)
Vpp
4.0
1.28
0.47
0.28
3.25
0.73
0.25
0.13
—
1.98
0.65
0.45
Vol.1
Vol.2
Vol.3
Vol.4
——
730 W between
SA0 and SA1.
Measured at
each out
Parameter
Symbol
Condition
Typ.
Unit
Min.
Max.
Freq.
(Hz)
Level
(dBV)
(VDD = 5 V ±5%, Ta = –10°C to +70°C)
LCD Defelection Angle Control Voltage Output
VLCD
Output Voltage
V
1.70
1.50
1.30
1.10
0.85
0.55
0.30
0.0
1.40
1.25
1.05
0.85
0.65
0.35
0.15
0.0
2.00
1.75
1.55
1.35
1.05
0.75
0.45
0.05
DB2
1
1
1
1
0
0
0
0
DB1
1
1
0
0
1
1
0
0
DB0
1
0
1
0
1
0
1
0
Output Resistance
ROLCD
1.0
——
kW
—
Output Load
RLLCD
—
100
—
kW
To GND
(VDD = 5 V ±5%, Ta = –10°C to +70°C)
Min.
Max.
Parameter
Symbol
Condition
Typ.
Unit
Digital Interface Characteristics
tPDLA
Digital Output (Latch)
Delay Time
ms
—
0.2
1.5
WRÆLA, LB
WRÆPO0 to PO7
Pull-up resistance : 10 kW
Key Scanning Output
Delay Time
tPDSCN
ms
—
0.2
1.5
tPDDATA
Digital Output (Data)
Delay Time
ns
52
20
150
RDÆDB0 to DB7
BCLOCKÆPCMOUT
Pull-up resistance : 500 W
CODEC Data Output
Delay Time
tPDCOD
ns
50
20
100
(VDD = 5 V ±5%, Ta = –10°C to +70°C)
Min.
Max.
Parameter
Symbol
Condition
Typ.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com