Electronic Components Datasheet Search
  English  ▼

X  

MSM7502 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM7502
Description  Multi-Function PCM CODEC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7502 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM7502 Datasheet HTML 9Page - OKI electronic componets MSM7502 Datasheet HTML 10Page - OKI electronic componets MSM7502 Datasheet HTML 11Page - OKI electronic componets MSM7502 Datasheet HTML 12Page - OKI electronic componets MSM7502 Datasheet HTML 13Page - OKI electronic componets MSM7502 Datasheet HTML 14Page - OKI electronic componets MSM7502 Datasheet HTML 15Page - OKI electronic componets MSM7502 Datasheet HTML 16Page - OKI electronic componets MSM7502 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
¡ Semiconductor
MSM7502
13/35
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Power Supply Voltage
VDD
0 to 7
V
Analog Input Voltage
VAIN
-0.3 to VDD + 0.3
Digital Input Voltage
VDIN
-0.3 to VDD + 0.3
Storage Temperature
TSTG
-55 to +150
AG, DG = 0 V
—
AG, DG = 0 V
AG, DG = 0 V
V
°C
V
RECOMMENDED OPERATING CONDITIONS
Recommend Operating Conditions (Analog Interface)
RAL
TPAO, MPAO, MPBO, TO,
—
20
—
Analog Load Resistance
kW
RMO0, RMO1 with respected to
—
0.6
—
CAL
TPAO, MPAO, MPBO, TO,
RPO, SPO, CAO
—
—
100
Analog Load Capacitance
RMO0, RMO1
—
—70
pF
nF
TPAI, TPBI, MPAI
—
–10
+10
MLDY
—
–50
+50
R1I, R2I, SPI
—
–25
+25
CAI
—
–100
+100
Allowable Analog
Input Offset Voltage
Voff
mV
Min.
Max.
Parameter
Symbol
Condition
Typ.
Unit
SG Level
RPO, SPO, CAO
Input High Voltage
VD
VA, VD (Voltage must be fixed)
5.0
4.75
5.25
Ta
—
+25
–10
+70
Power Supply Voltage
V
VIH
All Digital Input Pins
—
2.2
VDD
V
Input Low Voltage
VIL
All Digital Input Pins
—
0
0.8
V
Operating Temperature
°C
Digital Input Rise Time
tIr
All Digital Input Pins
—
—50
ns
Digital Input Fall Time
tIf
All Digital Input Pins
—
—50
ns
PO0 to PO7
PCMOUT
—
—
10
0.5
—
—
Digital Output Load
RDL
kW
PO0 to PO7
PCMOUT
—
—
100
CDL
pF
Min.
Max.
Parameter
Symbol
Condition
Typ.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com