Electronic Components Datasheet Search
  English  ▼

X  

MSM7502 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM7502
Description  Multi-Function PCM CODEC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7502 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM7502 Datasheet HTML 1Page - OKI electronic componets MSM7502 Datasheet HTML 2Page - OKI electronic componets MSM7502 Datasheet HTML 3Page - OKI electronic componets MSM7502 Datasheet HTML 4Page - OKI electronic componets MSM7502 Datasheet HTML 5Page - OKI electronic componets MSM7502 Datasheet HTML 6Page - OKI electronic componets MSM7502 Datasheet HTML 7Page - OKI electronic componets MSM7502 Datasheet HTML 8Page - OKI electronic componets MSM7502 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
¡ Semiconductor
MSM7502
1/35
¡ Semiconductor
MSM7502
Multi-Function PCM CODEC
GENERAL DESCRIPTION
The MSM7502, developed especially for low-power and multi-function applications in touch-
tone telephone sets and digital telephone terminals of digital PBXs, is a single +5 V power supply
CODEC device. The device consists of the analog speech paths directly connectable to a handset,
the calling circuit directly connectable to a piezosounder, the push-button key scanning interface
between push buttons and control processors, the dial tone generator, the m-law/A-law CODEC,
and the processor interface. The functions can be controlled via 8-bit data bus.
For the CODEC of the MSM7502, an MSM7543 is used as a core CODEC, so the MSM7502
provides the available bit clock range wider than the family product MSM6895.
In addition, the MSM7502 performs the greater key interface function and offers the upgraded
side-tone level, receive level, and speaker pre-amplifier output level.
FEATURES
• Single +5 V Power Supply
• Low Power Dissipation
Power ON Mode
: 30 mW Typ. 53 mW Max.
Power Saving Mode
:
2 mW Typ. 5 mW Max.
• In compliance with ITU-T’s companding law
• Transmission clocks
: 64, 128, 256, 512, 1024, 2048 kHz
96, 192, 384, 768, 1536, 1544 kHz
• Built-in PLL
• Built-in Reference Voltage Supply
• Calling Tone Interval
: Controlled by processor
• Calling Tone Combination
: Controlled by processor, 6 modes
• Calling Tone Volume
: Controlled by processor, 4 modes
• Ringing Tone Interval
: Controlled by processor
• Ringing Tone Frequency
: Controlled by processor, 6 modes
• Ringing Tone Level
: Controlled by processor, 4 levels
• Built-in PB Tone Generator
• Built-in Speech path Control Switches
• General Latch Output for External Control
: 2 bits
• Watch-dog Timer
: 500 ms
• Key Scanning I/O
Output
: 8 bits
Input
: 8 bits
• Direct Connection to Handset
: 1.2 kW driving available
• Built-in Pre-amplifier for Loud-speaker
• Hand-free Interface
• m-law/A-law Switchable CODEC
• LCD Deflection Angle Voltage
: Controlled by processor, 8 levels
• Package :
80-pin plastic QFP (QFP80-P-1420-0.80-BK)
(Product name : MSM7502GS-BK)
E2U0023-28-81
This version: Aug. 1998
Previous version: Nov. 1996


Similar Part No. - MSM7502

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7503 OKI-MSM7503 Datasheet
242Kb / 41P
Multi-Function PCM CODEC
MSM7503GS-BK OKI-MSM7503GS-BK Datasheet
242Kb / 41P
Multi-Function PCM CODEC
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
Single Rail CODEC
MSM7507-01GS-K OKI-MSM7507-01GS-K Datasheet
139Kb / 18P
Single Rail CODEC
MSM7507-01MS-K OKI-MSM7507-01MS-K Datasheet
139Kb / 18P
Single Rail CODEC
More results

Similar Description - MSM7502

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6895 OKI-MSM6895 Datasheet
224Kb / 43P
Multi-Function PCM CODEC
MSM7570-01 OKI-MSM7570-01 Datasheet
173Kb / 26P
Multi-Function ADPCM CODEC
MSM7570L-01 OKI-MSM7570L-01 Datasheet
174Kb / 26P
Multi-Function ADPCM CODEC
MSM7575 OKI-MSM7575 Datasheet
261Kb / 26P
Multi-Function PCM CODEC
MSM7590L-01 OKI-MSM7590L-01 Datasheet
173Kb / 26P
Multi-Function ADPCM CODEC
logo
Texas Instruments
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
PCM CODEC
logo
OKI electronic componet...
MSM7503 OKI-MSM7503 Datasheet
242Kb / 41P
Multi-Function PCM CODEC
logo
Texas Instruments
TLV320AIC1106PWR TI-TLV320AIC1106PWR Datasheet
538Kb / 19P
PCM CODEC
TLV320AIC1106 TI1-TLV320AIC1106_14 Datasheet
550Kb / 20P
PCM CODEC
TLV320AIC1110 TI1-TLV320AIC1110_14 Datasheet
1,016Kb / 41P
PCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com