Electronic Components Datasheet Search
  English  ▼

X  

MSM7502 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM7502
Description  Multi-Function PCM CODEC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7502 Datasheet(HTML) 4 Page - OKI electronic componets

  MSM7502 Datasheet HTML 1Page - OKI electronic componets MSM7502 Datasheet HTML 2Page - OKI electronic componets MSM7502 Datasheet HTML 3Page - OKI electronic componets MSM7502 Datasheet HTML 4Page - OKI electronic componets MSM7502 Datasheet HTML 5Page - OKI electronic componets MSM7502 Datasheet HTML 6Page - OKI electronic componets MSM7502 Datasheet HTML 7Page - OKI electronic componets MSM7502 Datasheet HTML 8Page - OKI electronic componets MSM7502 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
¡ Semiconductor
MSM7502
4/35
PIN AND FUNCTIONAL DESCRIPTIONS
LA, LB
General latch outputs for external control.
Statuses of these outputs are controlled via the processor interface. Refer to the description of the
control data for details. These outputs provide the capability to drive one TTL.
DG
Digital Ground.
DG is separated from the analog ground AG inside the device. But, DG should be connected as
close to the AG pin on PCB as possible.
AG
Analog Ground.
SA0, SA1
Sounder (calling tone) driving outputs.
The output signal on SA1 is inverted against the signal on SA0. The sounder circuit can be easily
configured by connecting a piezo-sounder between SA0 and SA1. Through processor control, the
calling tone volume is selectable from four levels and one of six tone combinations is selectable.
Initially, the ringing tone volume is set at a maximum and the tone combination is set at a 16 Hz
Wamble tone by a combination of 1 kHz and 1.3 kHz. If these pins are used with no-load, tone
volume cannot be controlled. When tone volume control is required, a load resistor must be
connected between SA0 and SA1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com