Electronic Components Datasheet Search
  English  ▼

X  

PX607UZ Datasheet(PDF) 3 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # PX607UZ
Description  N- & P-Channel Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PX607UZ Datasheet(HTML) 3 Page - NIKO SEMICONDUCTOR CO., LTD.

  PX607UZ Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PX607UZ Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PX607UZ Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PX607UZ Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD. PX607UZ Datasheet HTML 5Page - NIKO SEMICONDUCTOR CO., LTD. PX607UZ Datasheet HTML 6Page - NIKO SEMICONDUCTOR CO., LTD. PX607UZ Datasheet HTML 7Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
REV 1.2
3
I
N- & P-Channel Enhancement Mode
Field Effect Transistor
PX607UZ
SOT-563
Halogen-Free & Lead-Free
NIKO-SEM
DYNAMIC
Input Capacitance
Ciss
N-Channel
VGS = 0V, VDS = 10V, f = 1MHz
P-Channel
VGS = 0V, VDS = -10V, f = 1MHz
N-Ch
P-Ch
60
48
pF
Output Capacitance
Coss
N-Ch
P-Ch
19
18
Reverse Transfer Capacitance
Crss
N-Ch
P-Ch
10
10
Turn-On Delay Time
2
td(on)
N-Channel
VDS = 10V,
ID  0.5A, VGS = 4.5V,
RGEN = 5.1Ω
P-Channel
VDS = -10V,
ID  -0.45A, VGS = -4.5V,
RGEN = 5.1Ω
N-Ch
P-Ch
17
17
nS
Rise Time
2
tr
N-Ch
P-Ch
36
30
Turn-Off Delay Time
2
td(off)
N-Ch
P-Ch
86
76
Fall Time
2
tf
N-Ch
P-Ch
173
46
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
Continuous Current
IS
N-Ch
P-Ch
0.25
-0.2
A
Forward Voltage
1
VSD
IF = 0.5A, VGS = 0V
N-Ch
P-Ch
1.2
-1.2
V
IF = -0.45A, VGS = 0V
Reverse Recovery Time
trr
IF = 1A, dlF/dt = 100A / S
IF = -1A, dlF/dt = 100A / S
N-Ch
P-Ch
111
46
nS
Reverse Recovery Charge
Qrr
N-Ch
P-Ch
102
28
nC
1Pulse test : Pulse Width
 300 sec, Duty Cycle  2%.
2Independent of operating temperature.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com