Electronic Components Datasheet Search
  English  ▼

X  

PX607UZ Datasheet(PDF) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # PX607UZ
Description  N- & P-Channel Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PX607UZ Datasheet(HTML) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

  PX607UZ Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PX607UZ Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PX607UZ Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PX607UZ Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD. PX607UZ Datasheet HTML 5Page - NIKO SEMICONDUCTOR CO., LTD. PX607UZ Datasheet HTML 6Page - NIKO SEMICONDUCTOR CO., LTD. PX607UZ Datasheet HTML 7Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
REV 1.2
2
I
N- & P-Channel Enhancement Mode
Field Effect Transistor
PX607UZ
SOT-563
Halogen-Free & Lead-Free
NIKO-SEM
THERMAL RESISTANCE RATINGS
THERMAL RESISTANCE
SYMBOL
TYPICAL
MAXIMUM
UNITS
Junction-to-Ambient
2
RJA
N-ch
400
°C / W
Junction-to-Ambient
2
RJA
P-ch
500
1Pulse width limited by maximum junction temperature.
2The value of RθJA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air
environment with TA =25°C.
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
PARAMETER
SYMBOL
TEST CONDITIONS
LIMITS
UNIT
MIN
TYP MAX
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = 250A
N-Ch
P-Ch
20
-20
V
VGS = 0V, ID = -250A
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250A
N-Ch
P-Ch
0.4
-0.4
0.75
-0.96
1
-1.2
VDS = VGS, ID = -250A
Gate-Body Leakage
IGSS
VDS = 0V, VGS = ±8V
N-Ch
P-Ch
±30
±30
uA
VDS = 0V, VGS = ±10V
Zero Gate Voltage Drain Current
IDSS
VDS = 16V, VGS = 0V
N-Ch
P-Ch
1
-1
A
VDS = -16V, VGS = 0V
VDS = 10V, VGS = 0V, TJ = 55 °C N-Ch
P-Ch
10
-10
VDS = -10V, VGS = 0V, TJ = 55 °C
Drain-Source On-State Resistance
1
RDS(ON)
VGS = 4.5V, ID = 0.5A
N-Ch
P-Ch
177
500
300
520
mΩ
VGS = -4.5V, ID = -0.45A
VGS = 2.5V, ID = 0.25A
N-Ch
P-Ch
226
770
400
800
VGS = -2.5V, ID = -0.1A
Forward Transconductance
1
gfs
VDS = 10V, ID = 0.5A
N-Ch
P-Ch
5
1.6
S
VDS = -10V, ID = -0.45A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com