Electronic Components Datasheet Search
  English  ▼

X  

PX607UZ Datasheet(PDF) 1 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # PX607UZ
Description  N- & P-Channel Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PX607UZ Datasheet(HTML) 1 Page - NIKO SEMICONDUCTOR CO., LTD.

  PX607UZ Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PX607UZ Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PX607UZ Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PX607UZ Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD. PX607UZ Datasheet HTML 5Page - NIKO SEMICONDUCTOR CO., LTD. PX607UZ Datasheet HTML 6Page - NIKO SEMICONDUCTOR CO., LTD. PX607UZ Datasheet HTML 7Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
REV 1.2
1
I
N- & P-Channel Enhancement Mode
Field Effect Transistor
PX607UZ
SOT-563
Halogen-Free & Lead-Free
NIKO-SEM
Features
• Pb−Free, Halogen Free and RoHS compliant.
• Low R
DS(on) to Minimize Conduction Losses.
• Ohmic Region Good R
DS(on) Ratio.
• Optimized Gate Charge to Minimize Switching Losses.
• ESD Protection − HBM Class : 1C.
Applications
• Protection Circuits Applications.
• Logic/Load Switch Circuits Applications.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C Unless Otherwise Noted)
PARAMETERS/TEST CONDITIONS
SYMBOL
N-Channel P-Channel
UNITS
Drain-Source Voltage
VDS
20
-20
V
Gate-Source Voltage
VGS
±10
±12
V
Continuous Drain Current
TA = 25 °C
ID
0.78
-0.53
A
TA = 70 °C
0.62
-0.42
Pulsed Drain Current
1
IDM
2.4
-1
Power Dissipation
TA = 25 °C
PD
0.31
0.25
W
TA = 70 °C
0.2
0.16
Junction & Storage Temperature Range
Tj, Tstg
-55 to 150
°C
G : GATE
D : DRAIN
S : SOURCE
PRODUCT SUMMARY
V(BR)DSS
RDS(ON)
ID
N-Channel
20V
300mΩ
0.78A
P-Channel
-20V
520mΩ
-0.53A


Similar Part No. - PX607UZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PX600 ETC-PX600 Datasheet
278Kb / 1P
Subminiature flush diaphragm pressure transducer with 3⁄8-24 thread
PX600-10KGV ETC-PX600-10KGV Datasheet
278Kb / 1P
Subminiature flush diaphragm pressure transducer with 3⁄8-24 thread
PX600-1KGV ETC-PX600-1KGV Datasheet
278Kb / 1P
Subminiature flush diaphragm pressure transducer with 3⁄8-24 thread
PX600-200GV ETC-PX600-200GV Datasheet
278Kb / 1P
Subminiature flush diaphragm pressure transducer with 3⁄8-24 thread
PX600-200GV. ETC-PX600-200GV. Datasheet
278Kb / 1P
Subminiature flush diaphragm pressure transducer with 3⁄8-24 thread
More results

Similar Description - PX607UZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P6503NJ ETC1-P6503NJ Datasheet
475Kb / 8P
N&P-Channel Enhancement Mode Field Effect Transistor
P6803NAG ETC2-P6803NAG Datasheet
127Kb / 8P
N- & P-Channel Enhancement Mode Field Effect Transistor
logo
NIKO SEMICONDUCTOR CO.,...
P2402OV NIKOSEM-P2402OV Datasheet
311Kb / 9P
N- & P-Channel Enhancement Mode Field Effect Transistor
P5506NV NIKOSEM-P5506NV Datasheet
340Kb / 7P
N- & P-Channel Enhancement Mode Field Effect Transistor
PA110NV NIKOSEM-PA110NV Datasheet
345Kb / 7P
N- & P-Channel Enhancement Mode Field Effect Transistor
PA500CA NIKOSEM-PA500CA Datasheet
319Kb / 7P
N- & P-Channel Enhancement Mode Field Effect Transistor
PB502CW NIKOSEM-PB502CW Datasheet
393Kb / 7P
N- & P-Channel Enhancement Mode Field Effect Transistor
PD601CX NIKOSEM-PD601CX Datasheet
456Kb / 7P
N- & P-Channel Enhancement Mode Field Effect Transistor
PZ607UZ NIKOSEM-PZ607UZ Datasheet
488Kb / 7P
N- & P-Channel Enhancement Mode Field Effect Transistor
PK615CA NIKOSEM-PK615CA Datasheet
557Kb / 9P
N- & P-Channel Enhancement Mode Field Effect Transistor
REV1.1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com