Electronic Components Datasheet Search
  English  ▼

X  

LM5026 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5026
Description  Active Clamp Current Mode PWM Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5026 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM5026 Datasheet HTML 2Page - National Semiconductor (TI) LM5026 Datasheet HTML 3Page - National Semiconductor (TI) LM5026 Datasheet HTML 4Page - National Semiconductor (TI) LM5026 Datasheet HTML 5Page - National Semiconductor (TI) LM5026 Datasheet HTML 6Page - National Semiconductor (TI) LM5026 Datasheet HTML 7Page - National Semiconductor (TI) LM5026 Datasheet HTML 8Page - National Semiconductor (TI) LM5026 Datasheet HTML 9Page - National Semiconductor (TI) LM5026 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Electrical Characteristics (Continued)
Specifications with standard typeface are for T
J = 25˚C, and those with boldface type apply over full Operating Junction
Temperature range.V
IN = 48V, VCC = 10V, RT = 30.0k
Ω,R
SET = 34.8k
Ω) unless otherwise stated (Note 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CS Sink Impedance
(clocked)
I
CS = 10mA
30
50
Ω
Over Current Restart
Restart Threshold
2.4
2.55
2.7
V
Fault Charging
Current
7.5
10
12.5
µA
Discharging Current
7.5
10
12.5
µA
Soft-Start
Soft-start Current
Source
38
50
58
µA
Soft-stop Current
Sink
38
50
58
Soft-start Current
Source following a
restart event
0.6
1
1.3
Oscillator
Frequency1
RT = 30.0 k
Ω
180
200
220
kHz
Frequency2
RT = 10.0 k
Ω
520
590
660
kHz
SYNC Source
Current
200
µA
SYNC Sink
Impedance
Can sync up to 5 like
controllers minimum
100
Ω
Sync Threshold
(falling)
1.4
V
Sync Pulse Width
Minimum
15
ns
PWM Comparator
Delay to Output
CS stepped, Time to onset of
OUT_A transition low
40
ns
Mimimum Duty
Cycle
I
COMP = 1mA
0
%
Maximum Duty
Cycle Limit 1
UVLO=1.3V, COMP = open,
V
DCL = 2.5V
80
%
Maximum Duty
Cycle Limit 2
UVLO=1.3V, COMP = open,
V
DCL =VRT x 0.875
70
%
Maximum Duty
Cycle Limit 3
UVLO=2.92V, COMP = open,
V
DCL = 2.5V
40
%
SS to PWM Offset
1.4
V
COMP Input
Impedance
Small signal impedance
1700
Ω
Slope Compensation
Amplitude
Delta increase at PWM
comparator to CS
75
90
115
mV
Output Section
OUT_A High
Saturation
MOS Device @ Iout = -10mA,
5
10
Ω
OUTPUT_A Peak
Current Sink
Bipolar Device @ Vcc/2
3
A
OUT_A Low
Saturation
MOS Device @ Iout = 10mA,
6
9
Ω
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com