Electronic Components Datasheet Search
  English  ▼

X  

MA6002 Datasheet(PDF) 5 Page - Major-Power Technology Co., LTD.

Part # MA6002
Description  Dual 1.2A 1.5MHz Synchronous Buck Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA6002 Datasheet(HTML) 5 Page - Major-Power Technology Co., LTD.

  MA6002 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 8Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 9Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/9
MA6002
Major Power Technology Co., Ltd.
Rev.1.1
Aug.28, 2015
APPLICATION CIRCUIT
1.7V≦VOUT≦4.4 V
1.8V/1.2A
GND2
OFF ON
GND1
FB1
LX1
EN1
VOUT1
VIN1
200K
100K
10
μF
2.2
μH
VIN2
10
μF
VIN
LX2
FB2
EN2
OFF ON
3.3V/1.2A
VOUT2
450K
100K
10
μF
2.2
μH
10
μF
R3
R4
R1
R2
22P
C3
22P
C4
option
option
300K
~
50K
Rang
:
R4
R2,
)
R4
R3
(1
V
V
),
R2
R1
(1
V
V
FB2
OUT2
FB1
OUT1
=
+
×
=
+
×
=
1.0V≦VOUT≦1.6V
1.5V/1.2A
GND2
OFF ON
GND1
FB1
LX1
EN1
VOUT1
VIN1
150K
100K
10
μF
2.2
μH
VIN2
10
μF
VIN
LX2
FB2
EN2
OFF ON
1.2V/1.2A
VOUT2
100K
100K
10
μF
2.2
μH
10
μF
R3
R4
R1
R2
22uF
22
μF
FUNCTION DESCRIPTIONS
Operation
MA6002 is a dual channel, monolithic switching mode Step-Down DC-DC converter.
It utilizes internal MOSFETs to achieve high efficiency and can generate very low output
voltage by using internal reference at 0.6V. It operates at a fixed switching frequency, and
uses the slope compensated current mode architecture. This Step-Down DC-DC
Converter supplies 1.2A output current by each channel with input voltage range from
2.5V to 6.0V.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com