Electronic Components Datasheet Search
  English  ▼

X  

MA6002 Datasheet(PDF) 6 Page - Major-Power Technology Co., LTD.

Part # MA6002
Description  Dual 1.2A 1.5MHz Synchronous Buck Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA6002 Datasheet(HTML) 6 Page - Major-Power Technology Co., LTD.

  MA6002 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 8Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 9Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6/9
MA6002
Major Power Technology Co., Ltd.
Rev.1.1
Aug.28, 2015
Current Mode PWM Control
Slope compensated current mode PWM control provides stable switching and
cycle-by-cycle current limit for excellent load and line responses and protection of the
internal main switch (P-CH MOSFET) and synchronous rectifier (N-CH MOSFET). During
normal operation, the internal P-CH MOSFET is turned on for a certain time to ramp the
inductor current at each rising edge of the internal oscillator, and switched off when the
peak inductor current is above the error voltage. The current comparator, ICOMP
,
limits the
peak inductor current. When the main switch is off, the synchronous rectifier will be turned
on immediately and stay on until either the inductor current starts to reverse, beginning of
the next clock cycle.
APPLICATION INFORMATION
Setting the Output Voltage
Application circuit item shows the basic application circuit with MA6002 adjustable
output version. The external resistor sets the output voltage according to the following
equation:
)
4
3
1
(
6
.
0
),
2
1
1
(
6
.
0
2
1
R
R
V
V
R
R
V
V
OUT
OUT
+
×
=
+
×
=
Table 1 Resistor select for output voltage setting
VOUT
R2/R4
R1/R3
1.0V
150K
100K
1.2V
100K
100K
1.5V
100K
150K
1.8V
100K
200K
2.5V
150K
470K
3.3V
100K
450K
Inductor Selection
For most designs, the MA6002 operates with inductors of 2.2µH to 3.3µH. Low
inductance values are physically smaller but require faster switching, which results in
some efficiency loss. The inductor value can be derived from the following equation:
(
)
f
I
V
V
V
V
L
OSC
L
IN
OUT
IN
OUT
×
×
−
×
=
Δ
Where is inductor Ripple Current. Large value inductors lower ripple current and
small value inductors result in high ripple currents. Choose inductor ripple current
approximately 20% of the maximum load current 1200mA,
ΔIL=400mA.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com