Electronic Components Datasheet Search
  English  ▼

X  

MA6002 Datasheet(PDF) 1 Page - Major-Power Technology Co., LTD.

Part # MA6002
Description  Dual 1.2A 1.5MHz Synchronous Buck Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA6002 Datasheet(HTML) 1 Page - Major-Power Technology Co., LTD.

  MA6002 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 8Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 9Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
MA6002
Major Power Technology Co., Ltd.
Rev.1.1
Aug.28, 2015
Dual 1.2A 1.5MHz Synchronous
Buck Converter
GENERAL DESCRIPTION
The MA6002 is a dual high-efficiency Pulse-Width-Modulated (PWM) step-down
DC-DC converter. It is capable of delivering 1.2A output current over a wide input voltage
range from 2.5V to 6.0V, the MA6002 is ideally suited for portable electronic devices that
are powered from 1-cell Li-ion battery or from other power sources within the range such
as cellular phones, PDAs and other handheld devices.
Two operational modes are available: PWM/Low-Dropout auto-switch and shutdown
modes. Internal synchronous rectifier with low RDS(ON) dramatically reduces conduction
loss at PWM mode. No external Schottky diode is required in practical application.
The MA6002 enters Low-Dropout mode when normal PWM cannot provide regulated
output voltage by continuously turning on the upper PMOS. The MA6002 enter shutdown
mode and consumes less than 0.1
μA when EN pin is pulled low.
The switching ripple is easily smoothed-out by small package filtering elements due
to a fixed operation frequency of 1.5MHz. This along with small TDFN-10L (3x3) package
provides small PCB area application. Other features include soft start, lower internal
reference voltage with 2% accuracy, over temperature protection, and over current
protection.
FEATURES
-
2.5V to 6.0V input voltage range
-
Output Adjustable from 0.6V to VIN
-
200/160m
Ω Internal Power MOSFET Switch
-
Stable with Low ESR Output Ceramic Capacitors
-
Up to 95% Efficiency
-
Less than 1
μA Shutdown Current
-
1.5Mhz Switching Frequency
-
Thermal Shutdown Protection
-
Current limit and short circuit protections.
-
Available in TDFN-10L 3x3 Pb-Free Package
-
Build-in soft start function


Similar Part No. - MA6002

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA600.A.ABC.006 TAOGLAS-MA600.A.ABC.006 Datasheet
4Mb / 22P
High performance outdoor antenna
MA600.A.ABC.006 TAOGLAS-MA600.A.ABC.006 Datasheet
1Mb / 23P
MA600 Spartan Screw-mount 3in1 Combination Antenna
MA600.A.ABC.006 TAOGLAS-MA600.A.ABC.006_17 Datasheet
1Mb / 23P
MA600 Spartan Screw-mount 3in1 Combination Antenna
MA600.A.ABC.007 TAOGLAS-MA600.A.ABC.007 Datasheet
4Mb / 22P
High performance outdoor antenna
MA600.A.ABC.007 TAOGLAS-MA600.A.ABC.007 Datasheet
1Mb / 22P
MA600 Spartan Screw Mount 3in1 Combination Antenna
More results

Similar Description - MA6002

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8021 BELLING-BL8021 Datasheet
492Kb / 7P
1.2A 1.5MHz 7V Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE721C ACE-ACE721C Datasheet
402Kb / 9P
1.2A 1.5MHz 7V Synchronous Buck Converter
VER 1.3
ACE721C ACE-ACE721C_14 Datasheet
552Kb / 9P
1.2A 1.5MHz 7V Synchronous Buck Converter
VER 1.5
logo
SHANGHAI BELLING CO., L...
BL8021 BELLING-BL8021_13 Datasheet
501Kb / 7P
1.2A 1.5MHz Synchronous Buck Converter
BL8026 BELLING-BL8026 Datasheet
793Kb / 6P
1.2A 1.5MHz 7V Synchronous Buck Converter
logo
Major-Power Technology ...
MA5005 MPOWER-MA5005 Datasheet
530Kb / 12P
1.2A 1.5MHz Synchronous Buck Converter
MA6001 MPOWER-MA6001 Datasheet
357Kb / 10P
Dual 1.5A 1.5MHz Synchronous Buck Converter
logo
AiT Semiconductor Inc.
A7112 AITSEMI-A7112 Datasheet
516Kb / 10P
DC-DC CONVERTER BUCK (STEP-DOWN) 1.2A 1.5MHz 7V SYNCHRONOUS
REV2.3
logo
Major-Power Technology ...
MA5007 MPOWER-MA5007 Datasheet
190Kb / 2P
1.2A 1.5MHz Synchronous Buck Converter
Rev.1.0
logo
List of Unclassifed Man...
LC3406 ETC-LC3406 Datasheet
545Kb / 7P
1.2A 1.5MHz 7V Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com