Electronic Components Datasheet Search
  English  ▼

X  

MA6002 Datasheet(PDF) 7 Page - Major-Power Technology Co., LTD.

Part # MA6002
Description  Dual 1.2A 1.5MHz Synchronous Buck Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA6002 Datasheet(HTML) 7 Page - Major-Power Technology Co., LTD.

  MA6002 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 8Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 9Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7/9
MA6002
Major Power Technology Co., Ltd.
Rev.1.1
Aug.28, 2015
For optimum voltage-positioning load transients, choose an inductor with DC series
resistance in the 50m
Ω to 150mΩ range. For higher efficiency at heavy loads (above
200mA), or minimal load regulation (but some transient overshoot), the resistance should
be kept below 100m
Ω. The DC current rating of the inductor should be at least equal to
the maximum load current plus half the ripple current to prevent core saturation
(1200mA+200mA).
Compensation Capacitor Selection
The compensation capacitors for increasing phase margin provide additional stability.
It is required 22pF, Please refer to Demo Board Schematic to design.
Input Capacitor Selection
The input capacitor reduces the surge current drawn from the input and switching
noise from the device. The input capacitor impedance at the switching frequency shall be
less than input source impedance to prevent high frequency switching current passing to
the input. A low ESR input capacitor sized for maximum RMS current must be used.
Ceramic capacitors with X5R or X7R dielectrics are highly recommended because of their
low ESR and small temperature coefficients. A 4.7µF ceramic capacitor for most
applications is sufficient.
Output Capacitor Selection
The output capacitor is required to be 10~47uF to keep the output voltage ripple
small and to ensure regulation loop stability. The output capacitor must have low
impedance at the switching frequency. Ceramic capacitors with X5R or X7R dielectrics are
recommended due to their low ESR and high ripple current.
Thermal Considerations
The maximum power dissipation depends on the thermal resistance of IC package,
PCB layout, the rate of surroundings airflow and temperature difference between junctions
to ambient. The maximum power dissipation can be calculated by following formula:
PD(MAX) = ( TJ(MAX) - TA ) /
θJA
Where TJ(MAX) is the maximum junction temperature, TA is the ambient temperature
and the
θJA is the junction to ambient thermal resistance. For recommended operating
conditions specification of MA6002 DC/DC converter, where TJ(MAX) is the maximum



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com