Electronic Components Datasheet Search
  English  ▼

X  

LM4844 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4844
Description  Stereo 1.2W Audio Sub-system with 3D Enhancement
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4844 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4844 Datasheet HTML 1Page - National Semiconductor (TI) LM4844 Datasheet HTML 2Page - National Semiconductor (TI) LM4844 Datasheet HTML 3Page - National Semiconductor (TI) LM4844 Datasheet HTML 4Page - National Semiconductor (TI) LM4844 Datasheet HTML 5Page - National Semiconductor (TI) LM4844 Datasheet HTML 6Page - National Semiconductor (TI) LM4844 Datasheet HTML 7Page - National Semiconductor (TI) LM4844 Datasheet HTML 8Page - National Semiconductor (TI) LM4844 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Volume Control Electrical Characteristics (Notes 1, 2) (Continued)
The following specifications apply for 3V
≤ V
DD
≤ 5V and 3V ≤ I2CV
DD
≤ 5V, unless otherwise specified. Limits apply for T
A =
25˚C.
Symbol
Parameter
Conditions
LM4844
Units
(Limits)
Typical
(Note 6)
Limits (Notes
7, 8)
Mono Volume Control Range
maximum gain setting
12
11.5
12.5
dB (min)
dB (max)
minimum gain setting
-34.5
-35
-34
dB (min)
dB (max)
Volume Control Step Size
1.5
dB
Volume Control Step Size
Error
+/-0.2
+/-0.5
dB (max)
Stereo Channel to Channel
Gain Mismatch
0.3
dB
Mute Attenuation
Mode 12, V
in =1VRMS
Headphone
100
dB
L
IN and RIN Input Impedance
maximum gain setting
33
25
42
k
Ω (min)
k
Ω (max)
minimum gain setting
100
75
125
k
Ω (min)
k
Ω (max)
M
IN Input Impedance
maximum gain setting
20
15
25
k
Ω (min)
k
Ω (max)
minimum gain setting
96
73
123
k
Ω (min)
k
Ω (max)
Control Interface Electrical Characteristics (Notes 1, 2)
The following specifications apply for 3V
≤ V
DD
≤ 5V and 3V ≤ I2CV
DD
≤ 5V, unless otherwise specified. Limits apply for T
A =
25˚C.
Symbol
Parameter
Conditions
LM4844
Units
(Limits)
Typical
(Note 6)
Limits (Notes
7, 8)
t
1
SCL period
2.5
µs (min)
t
2
SDA Set-up Time
100
ns (min)
t
3
SDA Stable Time
0
ns (min)
t
4
Start Condition Time
100
ns (min)
t
5
Stop Condition time
100
ns (min)
V
IH
Digital Input High Voltage
0.7 x I
2CVDD
V (min)
V
IL
Digital Input Low Voltage
0.3 x I
2CV
DD
V (max)
Note 1: All voltages are measured with respect to the GND pin unless otherwise specified.
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 3: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature, TA. The maximum
allowable power dissipation is PDMAX =(TJMAX -TA)/ θJA or the number given in Absolute Maximum Ratings, whichever is lower. For the LM4844 typical application
with VDD = 3.3V and RL =8Ω stereo operation, the total power dissipation is TBDW. θJA = TBD˚C/W.
Note 4: Human body model, 100pF discharged through a 1.5k
Ω resistor.
Note 5: Machine Model, 220pF-240pF discharged through all pins.
Note 6: Typicals are measured at +25˚C and represent the parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Note 9: Shutdown current and supply current are measured in a normal room environment.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com