Electronic Components Datasheet Search
  English  ▼

X  

LM4844 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4844
Description  Stereo 1.2W Audio Sub-system with 3D Enhancement
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4844 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM4844 Datasheet HTML 12Page - National Semiconductor (TI) LM4844 Datasheet HTML 13Page - National Semiconductor (TI) LM4844 Datasheet HTML 14Page - National Semiconductor (TI) LM4844 Datasheet HTML 15Page - National Semiconductor (TI) LM4844 Datasheet HTML 16Page - National Semiconductor (TI) LM4844 Datasheet HTML 17Page - National Semiconductor (TI) LM4844 Datasheet HTML 18Page - National Semiconductor (TI) LM4844 Datasheet HTML 19Page - National Semiconductor (TI) LM4844 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Application Information (Continued)
This results in both amplifiers producing signals identical in
magnitude, but 180˚ out of phase. Taking advantage of this
phase difference, a load is placed between LLS- and LLS+
and driven differentially (commonly referred to as ’bridge
mode’). This results in a differential or BTL gain of:
A
VD = 2(Rf /Ri)=2
(2)
Both the feedback resistor, R
f, and the input resistor, Ri, are
internally set.
Bridge mode amplifiers are different from single-ended am-
plifiers that drive loads connected between a single amplifi-
er’s output and ground. For a given supply voltage, bridge
mode has a distinct advantage over the single-ended con-
figuration: its differential output doubles the voltage swing
across the load. Theoretically, this produces four times the
output power when compared to a single-ended amplifier
under the same conditions. This increase in attainable output
power assumes that the amplifier is not current limited and
that the output signal is not clipped.
Another advantage of the differential bridge output is no net
DC voltage across the load. This is accomplished by biasing
LLS- and LLS+ outputs at half-supply. This eliminates the
coupling capacitor that single supply, single-ended amplifiers
require. Eliminating an output coupling capacitor in a typical
single-ended configuration forces a single-supply amplifier’s
half-supply bias voltage across the load. This increases
internal IC power dissipation and may permanently damage
loads such as speakers.
POWER DISSIPATION
Power dissipation is a major concern when designing a
successful single-ended or bridged amplifier.
A direct consequence of the increased power delivered to
the load by a bridge amplifier is higher internal power dissi-
pation. The LM4844 has 2 sets of bridged-tied amplifier pairs
driving LLS and RLS. The maximum internal power dissipa-
tion operating in the bridge mode is twice that of a single-
ended amplifier. From Equation (3) and (4), assuming a 5V
power supply and an 8
Ω load, the maximum power dissipa-
tion for LLS and RLS is 634mW per channel.
P
DMAX-LLS = 4(VDD)
2 / (2
π2 R
L): Bridged
(3)
P
DMAX-RLS = 4(VDD)
2 / (2
π2 R
L): Bridged
(4)
The LM4844 also has a pair of single-ended amplifiers driv-
ing LHP and RHP. The maximum internal power dissipation
for ROUT and LOUT is given by equation (5) and (6). From
Equations (5) and (6), assuming a 5V power supply and a
32
Ω load, the maximum power dissipation for LOUT and
ROUT is 40mW per channel.
P
DMAX-LHP =(VDD)
2 /(2
π2 R
L): Single-ended
(5)
P
DMAX-RHP =(VDD)
2 /(2
π2 R
L): Single-ended
(6)
The maximum internal power dissipation of the LM4844
occurs during output modes 3, 8, and 13 when both loud-
speaker and headphone amplifiers are simultaneously on;
and is given by Equation (7).
P
DMAX-TOTAL =
P
DMAX-LLS +PDMAX-RLS +PDMAX-LHP +PDMAX-RHP
(7)
The maximum power dissipation point given by Equation (7)
must not exceed the power dissipation given by Equation
(8):
P
DMAX’= (TJMAX -TA)/
θ
JA
(8)
The LM4844’s T
JMAX
= 150˚C. In the TL package, the
LM4844’s
θ
JA is 62˚C/W. At any given ambient temperature
T
A, use Equation (8) to find the maximum internal power
dissipation supported by the IC packaging. Rearranging
Equation (8) and substituting P
DMAX-TOTAL for PDMAX’ results
in Equation (9). This equation gives the maximum ambient
temperature that still allows maximum stereo power dissipa-
tion without violating the LM4844’s maximum junction tem-
perature.
T
A =TJMAX -PDMAX-TOTAL
θ
JA
(9)
For a typical application with a 5V power supply, stereo 8
Ω
loudspeaker load, and the stereo 32
Ω headphone load, the
maximum ambient temperature that allows maximum stereo
power dissipation without exceeding the maximum junction
temperature is approximately 100˚C for the TL package.
T
JMAX =PDMAX-TOTAL
θ
JA +TA
(10)
Equation (10) gives the maximum junction temperature T
J-
MAX
. If the result violates the LM4844’s 150˚C, reduce the
maximum junction temperature by reducing the power sup-
ply voltage or increasing the load resistance. Further allow-
ance should be made for increased ambient temperatures.
The above examples assume that a device is a surface
mount part operating around the maximum power dissipation
point. Since internal power dissipation is a function of output
power, higher ambient temperatures are allowed as output
power or duty cycle decreases. If the result of Equation (7) is
greater than that of Equation (8), then decrease the supply
voltage, increase the load impedance, or reduce the ambient
temperature. If these measures are insufficient, a heat sink
can be added to reduce
θ
JA. The heat sink can be created
using additional copper area around the package, with con-
nections to the ground pin(s), supply pin and amplifier output
pins. External, solder attached SMT heatsinks such as the
Thermalloy 7106D can also improve power dissipation.
When adding a heat sink, the
θ
JA is the sum of
θ
JC,
θ
CS, and
θ
SA.(
θ
JC is the junction-to-case thermal impedance,
θ
CS is
the case-to-sink thermal impedance, and
θ
SA is the sink-to-
ambient thermal impedance.) Refer to the Typical Perfor-
mance Characteristics curves for power dissipation informa-
tion at lower output power levels.
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com