Electronic Components Datasheet Search
  English  ▼

X  

LM4844 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4844
Description  Stereo 1.2W Audio Sub-system with 3D Enhancement
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4844 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM4844 Datasheet HTML 10Page - National Semiconductor (TI) LM4844 Datasheet HTML 11Page - National Semiconductor (TI) LM4844 Datasheet HTML 12Page - National Semiconductor (TI) LM4844 Datasheet HTML 13Page - National Semiconductor (TI) LM4844 Datasheet HTML 14Page - National Semiconductor (TI) LM4844 Datasheet HTML 15Page - National Semiconductor (TI) LM4844 Datasheet HTML 16Page - National Semiconductor (TI) LM4844 Datasheet HTML 17Page - National Semiconductor (TI) LM4844 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Application Information (Continued)
TABLE 5. Mixer and Output Mode
Mode
CD3
CD2
CD1
CD0
Loudspeaker L
Loudspeaker R
Headphone L
Headphone R
0
000
0
SD
SD
SD
SD
1
0
0
0
1
RESERVED
2
001
0
2(G
M x M)
2(G
M x M)
MUTE
MUTE
3
001
1
2(G
M x M)
2(G
M xM)
(G
M xM)
(G
M xM)
4
010
0
SD
SD
(G
M xM)
(G
M xM)
5
0
1
0
1
RESERVED
6
0
1
1
0
RESERVED
7
011
1
2(G
L x L)
2(G
R x R)
MUTE
MUTE
8
100
0
2(G
L x L)
2(G
R xR)
(G
L xL)
(G
R xR)
9
100
1
SD
SD
(G
L xL)
(G
R xR)
10
1
0
1
0
RESERVED
11
1
0
1
1
RESERVED
12
1
1
0
0
2(G
L xL)+
2(G
M
xM)
2(G
RxR)+
2(G
M
xM)
MUTE
MUTE
13
1
1
0
1
2(G
L xL)+
2(G
M
xM)
2(G
R xR)+
2(G
M
xM)
(G
L xL)+
(G
M xM)
(G
R xR)+
(G
M xM)
14
111
0
SD
SD
(G
L xL)+
(G
M xM)
(G
R xR)+
(G
M xM)
15
1
1
1
1
RESERVED
M-M
IN Input Level
L- L
IN Input Level
R-R
IN Input Level
G
M - Mono Volume Control Gain
G
L - Left Stereo Volume Control Gain
G
R - Right Stereo Volume Control Gain
SD - Shutdown
MUTE - Mute
TABLE 6. National 3D Enhancement
LD5
0
Loudspeaker National 3D Off
1
Loudspeaker National 3D On
RD5
0
Headphone National 3D Off
1
Headphone National 3D On
TABLE 7. Wake-up Time Select
CD5
0
Fast Wake-up Setting
1
Slow Wake-up Setting
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com