Electronic Components Datasheet Search
  English  ▼

X  

LM4844 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4844
Description  Stereo 1.2W Audio Sub-system with 3D Enhancement
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4844 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM4844 Datasheet HTML 13Page - National Semiconductor (TI) LM4844 Datasheet HTML 14Page - National Semiconductor (TI) LM4844 Datasheet HTML 15Page - National Semiconductor (TI) LM4844 Datasheet HTML 16Page - National Semiconductor (TI) LM4844 Datasheet HTML 17Page - National Semiconductor (TI) LM4844 Datasheet HTML 18Page - National Semiconductor (TI) LM4844 Datasheet HTML 19Page - National Semiconductor (TI) LM4844 Datasheet HTML 20Page - National Semiconductor (TI) LM4844 Datasheet HTML 21Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Application Information (Continued)
POWER SUPPLY BYPASSING
As with any power amplifier, proper supply bypassing is
critical for low noise performance and high power supply
rejection. Applications that employ a 5V regulator typically
use a 10µF in parallel with a 0.1µF filter capacitors to stabi-
lize the regulator’s output, reduce noise on the supply line,
and improve the supply’s transient response. However, their
presence does not eliminate the need for a local 1.0µF
tantalum bypass capacitance connected between the
LM4844’s supply pins and ground. Keep the length of leads
and traces that connect capacitors between the LM4844’s
power supply pin and ground as short as possible.
SELECTING EXTERNAL COMPONENTS
Input Capacitor Value Selection
Amplifying the lowest audio frequencies requires a high
value input coupling capacitor (C
i in Figure 1). In many
cases, however, the speakers used in portable systems,
whether internal or external, have little ability to reproduce
signals below 50Hz. Applications using speakers with this
limited frequency response reap little improvement; by using
a large input capacitor.
The internal input resistor (R
i) and the input capacitor (Ci)
produce a high pass filter cutoff frequency that is found using
Equation (13).
f
c =1/(2
πR
iCi)(11)
As an example when using a speaker with a low frequency
limit of 50Hz and R
i = 20k
Ω,C
i, using Equation (13) is
0.19µF. The 0.22µF C
i shown in Figure 4 allows the LM4844
to drive high efficiency, full range speaker whose response
extends below 40Hz.
Bypass Capacitor Value Selection
Besides minimizing the input capacitor size, careful consid-
eration should be paid to value of C
B, the capacitor con-
nected to the BYPASS pin. Since C
B determines how fast
the LM4844 settles to quiescent operation, its value is critical
when minimizing turn-on pops. The slower the LM4844’s
outputs ramp to their quiescent DC voltage (nominally V
DD/
2), the smaller the turn-on pop. Choosing C
B equal to 2.2µF
along with a small value of C
i (in the range of 0.1µF to
0.39µF), produces a click-less and pop-less shutdown func-
tion. As discussed above, choosing C
i no larger than neces-
sary for the desired bandwidth helps minimize clicks and
pops. C
B’s value should be in the range of 5 times to 10
times the value of C
i. This ensures that output transients are
eliminated when the LM4844 transitions in and out of shut-
down mode. Connecting a 2.2µF capacitor, C
B, between the
BYPASS pin and ground improves the internal bias voltage’s
stability and improves the amplifier’s PSRR. The PSRR im-
provements increase as the bypass pin capacitor value in-
creases. However, increasing the value of C
B will increase
wake-up time. The selection of bypass capacitor value, C
B,
depends on desired PSRR requirements, click and pop per-
formance, wake-up time, system cost, and size constraints.
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com