Electronic Components Datasheet Search
  English  ▼

X  

MSM7583 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM7583
Description  pie/4 Shift QPSK MODEM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7583 Datasheet(HTML) 4 Page - OKI electronic componets

  MSM7583 Datasheet HTML 1Page - OKI electronic componets MSM7583 Datasheet HTML 2Page - OKI electronic componets MSM7583 Datasheet HTML 3Page - OKI electronic componets MSM7583 Datasheet HTML 4Page - OKI electronic componets MSM7583 Datasheet HTML 5Page - OKI electronic componets MSM7583 Datasheet HTML 6Page - OKI electronic componets MSM7583 Datasheet HTML 7Page - OKI electronic componets MSM7583 Datasheet HTML 8Page - OKI electronic componets MSM7583 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4/23
MSM7583
¡ Semiconductor
PIN AND FUNCTIONAL DESCRIPTIONS
TXD
Transmit data input for 384 kbps.
TXCI
Transmit clock input.
When the control register CR0 - B6 is “0”, a 384 kHz clock pulse synchronous with TXD should
be input to this pin. This clock pulse should be continuous because this device uses APLL to
generate internal clock pulses.
When CR0 - B6 is “1”, a 3.84 MHz clock pulse should be input to this pin. When the 3.84 MHz
clock pulse is applied to TXCI, TXCO outputs a 384 kHz clock pulse, which is generated by
dividing the TXCI input by 10. The transmit data, synchronous 384 kHz clock pulse, should be
input to the TXD. In this case the device does not use APLL, and the 3.84 MHz clock pulse need
not be continuous. (Refer to Fig. 1.)
TXCO
Transmit clock output.
When CR0 - B6 is “0”, TXCO outputs the 384 kHz clock pulse (APLL output) for monitoring
purposes. When CR0 - B6 is “1”, this pin outputs a 384 kHz clock pulse generated by dividing
the TXCI input by 10. (Refer to Fig. 1.)
TXW
Transmit data window signal input.
The transmit timing signal for the burst data is input to the device through this pin. If TXW pin
is “1”, modulation data is output. (Refer to Fig. 1.)
I+, I–
Quadrature modulation signal I component differential analog outputs.
The level of the outputs is 500 mVpp with 1.6 Vdc as center value. The output pin load
conditions are: R
≥ 10 kW, C £ 20 pF. The gain of these pins can be adjusted using the control
registers CR1 - B7 to B4, and the offset voltage at the I– pin can be adjusted using CR3 - B7 to
B3.
Q+, Q–
Quadrature modulation signal Q component differential analog outputs.
The level of the outputs is 500 mVpp with 1.6 Vdc as center value. The output pin load
conditions are: R
≥ 10 kW , C £ 20 pF. The gain of these pins can be adjusted using the control
registers CR1 - B3 to B0, and the offset voltage at the Q– pin can be adjusted using CR4 - B7 to
B3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com