Electronic Components Datasheet Search
  English  ▼

X  

MSM7583 Datasheet(PDF) 18 Page - OKI electronic componets

Part # MSM7583
Description  pie/4 Shift QPSK MODEM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7583 Datasheet(HTML) 18 Page - OKI electronic componets

Back Button MSM7583 Datasheet HTML 14Page - OKI electronic componets MSM7583 Datasheet HTML 15Page - OKI electronic componets MSM7583 Datasheet HTML 16Page - OKI electronic componets MSM7583 Datasheet HTML 17Page - OKI electronic componets MSM7583 Datasheet HTML 18Page - OKI electronic componets MSM7583 Datasheet HTML 19Page - OKI electronic componets MSM7583 Datasheet HTML 20Page - OKI electronic componets MSM7583 Datasheet HTML 21Page - OKI electronic componets MSM7583 Datasheet HTML 22Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
MSM7583
¡ Semiconductor
18/23
(2) CR1 (I, Q gain adjustment)
B7
CR1
0
Ich
GAIN3
Ich
GAIN2
Ich
GAIN1
Ich
GAIN0
B6
B5
B4
B3
B2
B1
B0
00
0
0
0
0
0
Initial value
Qch
GAIN3
Qch
GAIN2
Qch
GAIN1
Qch
GAIN0
B7 to B4: I+/I- output gain setting, in 3 mV steps (Refer to Table 3.)
B3 to B0: Q+/Q- output gain setting, in 3 mV steps (Refer to Table 3.)
(3) CR2 (ENV gain adjustment)
B7
CR2
0
ENV
GAIN3
ENV
GAIN2
ENV
GAIN1
ENV
GAIN0
B6
B5
B4
B3
B2
B1
B0
00
0
0
0
0
0
Initial value
——
—
—
B7 to B4: ENV output gain setting, in 9 mV steps (Refer to Table 3.)
B3 to B0: Not used
Table 3 I, Q, and ENV Output Gain Values
1.042
1.036
1.030
1.024
1.018
1.012
1.006
1.000
0.994
0.988
0.982
0.976
0.970
0.964
0.958
0.952
B7
B3
I and Q Amplitude
(value relative to the reference
(1.000) at (0, 0, 0, 0))
0
B6
B2
B5
B1
B4
B0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
B7 B6 B5 B4
CR1
CR2
ENV Amplitude
(value relative to the reference
(1.000) at (0, 0, 0, 0))
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1.126
1.108
1.090
1.072
1.054
1.036
1.018
1.000
0.982
0.964
0.946
0.928
0.910
0.892
0.874
0.856



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com