Electronic Components Datasheet Search
  English  ▼

X  

MSM7583 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM7583
Description  pie/4 Shift QPSK MODEM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7583 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM7583 Datasheet HTML 4Page - OKI electronic componets MSM7583 Datasheet HTML 5Page - OKI electronic componets MSM7583 Datasheet HTML 6Page - OKI electronic componets MSM7583 Datasheet HTML 7Page - OKI electronic componets MSM7583 Datasheet HTML 8Page - OKI electronic componets MSM7583 Datasheet HTML 9Page - OKI electronic componets MSM7583 Datasheet HTML 10Page - OKI electronic componets MSM7583 Datasheet HTML 11Page - OKI electronic componets MSM7583 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8/23
MSM7583
¡ Semiconductor
RXD1, RXC1, RXSC1
Channel 1 receive data, receive clock, and receive symbol clock output pins.
During power-on, these output pins are at the output level of the clock recovery circuit selected
by a combination of SLS11 and SLS21 (described later). (Refer to Fig. 3.)
RXD2, RXC2, RXSC2
Channel 2 receive data, receive clock, and receive symbol clock output pins.
During power-on, these output pins are at the output level of the clock recovery circuit selected
by a combination of SLS12 and SLS22 (described later). (Refer to Fig. 3.)
SLS11, SLS21, SLS12, SLS22
Receiver slot select signal pins of Channel 1 (SLS11, SLS21) and Channel 2 (SLS12, SLS22).
The MSM7583 has four sets of clock recovery circuits and four AFC information storage
registers. One of the sets is selected according to a combination of the signals at these pins.
(Refer to Fig. 3.)
Channel 1 (SLS21, SLS11) = (0, 0): Slot 1, (0, 1): Slot 2
(1, 0): Slot 3, (1, 1): Slot 4
Channel 2 (SLS22, SLS12) = (0, 0): Slot 1, (0, 1): Slot 2
(1, 0): Slot 3, (1, 1): Slot 4
RXD1 (RXD2)
RXC1 (RXC2)
SLS21 (SLS22)
The recovery data and clock pulse are
selected asynchronously by the SLS signals.
RXSC1 (RXSC2)
SLS11 (SLS12)
Figure 3 RXD, RXC, and RXSC Timing Diagram
RXD0, RXC0, RXSC0
Receive data, receive clock, and receive symbol clock outputs.
These pins are at the output level selected by RXSEL (described below).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com