Electronic Components Datasheet Search
  English  ▼

X  

MSM7583 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM7583
Description  pie/4 Shift QPSK MODEM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7583 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM7583 Datasheet HTML 3Page - OKI electronic componets MSM7583 Datasheet HTML 4Page - OKI electronic componets MSM7583 Datasheet HTML 5Page - OKI electronic componets MSM7583 Datasheet HTML 6Page - OKI electronic componets MSM7583 Datasheet HTML 7Page - OKI electronic componets MSM7583 Datasheet HTML 8Page - OKI electronic componets MSM7583 Datasheet HTML 9Page - OKI electronic componets MSM7583 Datasheet HTML 10Page - OKI electronic componets MSM7583 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7/23
MSM7583
¡ Semiconductor
MCK
Master clock input.
The clock frequency is 19.2 MHz.
IFIN1, IFIN2
Modulated signal inputs for the demodulator block.
Select the IF frequency from 1.2 MHz, 10.7 MHz, 10.75 MHz, and 10.8 MHz based on CR0 - B4
and B3. IFIN1 is for Channel 1, and IFIN2 for Channel 2.
IFCK
Clock signal input for demodulator block IF frequency (10.7 MHz or 10.75 MHz).
If the IF frequency is 10.7 MHz, 19.0222 MHz should be supplied. When it is 10.75 MHz, 19.1111
MHz should be supplied. When the IF frequency is 1.2 MHz or 10.8 MHz, set this pin to “0”
or “1”. (Refer to Fig. 2.)
X1, X2
Crystal oscillator connection pins.
When supplying a 19.0222 MHz or 19.1111 MHz clock to IFCK, use these pins. (Refer to Fig. 2.)
When IFIN = 10.7 MHz or 10.75 MHz
IFCK
X2
X1
MSM7583
When IFIN = 1.2 MHz or 10.8 MHz
IFCK
X2
X1
MSM7583
19.0222 MHz or 19.1111 MHz
Figure 2 How to Use IFCK, X1, and X2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com