Electronic Components Datasheet Search
  English  ▼

X  

TM7752 Datasheet(PDF) 6 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Part # TM7752
Description  Three-phase electron-electronIc measuring chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Direct Link  http://www.titanmec.com/index.php/en/
Logo TITAN - Shenzhen Titan Micro Electronics Co., Ltd.

TM7752 Datasheet(HTML) 6 Page - Shenzhen Titan Micro Electronics Co., Ltd.

  TM7752 Datasheet HTML 1Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7752 Datasheet HTML 2Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7752 Datasheet HTML 3Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7752 Datasheet HTML 4Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7752 Datasheet HTML 5Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7752 Datasheet HTML 6Page - Shenzhen Titan Micro Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
©Titan Micro Electronics
www.titanmec.com
- 6 -
三相电能计量芯片
TM7752
输
出
F1 和 F2
输出高电平, VoH
输出低电平, VoL
CF 和 REVP
输出高电平, VoH
输出低电平, VoL
4.5
0.5
4
0.5
4.5
0.5
4
0.5
V min
V max
V min
V max
ISOURCE=20mA,DVDD=5V
ISINK=40mA,DVDD=5V
ISOURCE=18mA,DVDD=5V
ISINK=40mA,DVDD=5V
七、 封装:
All specs and applications shown above subject to change without prior notice.
(以上电路及规格仅供参考,如本公司进行修正,恕不另行通知。)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com