Electronic Components Datasheet Search
  English  ▼

X  

TM7752 Datasheet(PDF) 1 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Part # TM7752
Description  Three-phase electron-electronIc measuring chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Direct Link  http://www.titanmec.com/index.php/en/
Logo TITAN - Shenzhen Titan Micro Electronics Co., Ltd.

TM7752 Datasheet(HTML) 1 Page - Shenzhen Titan Micro Electronics Co., Ltd.

  TM7752 Datasheet HTML 1Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7752 Datasheet HTML 2Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7752 Datasheet HTML 3Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7752 Datasheet HTML 4Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7752 Datasheet HTML 5Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7752 Datasheet HTML 6Page - Shenzhen Titan Micro Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©Titan Micro Electronics
www.titanmec.com
- 1 -
三相电能计量芯片
TM7752
一、 功能特点:
高准确度,支持50Hz/60Hz的市电要求,在1000:1的动态范围内误差小于0.1%
CF用于仪表校验简单方便快捷
F1,F2可以直接驱动计数器,显示电能
逻辑输出引脚REVP能指示负功率或错线
片内带有防潜动功能(空载阈值)
片内基准电压 2.4Ⅴ±5%(温度系数典型值 30ppm/℃)
低功耗(典型值 12mW)
低成本 CMOS 工艺
二、 原理框图
三、 管脚定义


Similar Part No. - TM7752

ManufacturerPart #DatasheetDescription
logo
Shenzhen Titan Micro El...
TM7755 TITAN-TM7755 Datasheet
274Kb / 8P
Single-phase electron-electrometer chip
TM7755S TITAN-TM7755S Datasheet
260Kb / 7P
Single-phase electron-electrometer chip
TM7759 TITAN-TM7759 Datasheet
339Kb / 8P
Digital three-phase vector circuit
More results

Similar Description - TM7752

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSST-EM-3035 AD-ADSST-EM-3035 Datasheet
330Kb / 20P
SALEM Three-Phase Electronic Energy Meter
REV.0
logo
List of Unclassifed Man...
437A ETC2-437A Datasheet
91Kb / 4P
ELECTRON TUBE
logo
Powersem GmbH
PSD150F-12 POWERSEM-PSD150F-12 Datasheet
395Kb / 1P
Three Phase Three Phase
logo
Analog Devices
ADSST-EM-3035 AD-ADSST-EM-3035_15 Datasheet
581Kb / 20P
SALEM Three-Phase Electronic Energy Meter
REV. 0
logo
PHOENIX CONTACT
EMD-BL-3V-400 PHOENIX-EMD-BL-3V-400 Datasheet
143Kb / 6P
Electronic monitoring relay for voltage monitoring in three-phase networks
2885773 PHOENIX-2885773 Datasheet
153Kb / 8P
Electronic monitoring relay for voltage monitoring in three-phase networks
logo
Shenzhen Titan Micro El...
TM7755 TITAN-TM7755 Datasheet
274Kb / 8P
Single-phase electron-electrometer chip
TM7755S TITAN-TM7755S Datasheet
260Kb / 7P
Single-phase electron-electrometer chip
TM9936 TITAN-TM9936 Datasheet
185Kb / 13P
Three-phase electron-electrIc circuit
TM9937 TITAN-TM9937 Datasheet
135Kb / 7P
Three-phase electron-electrIc circuit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com