Electronic Components Datasheet Search
  English  ▼

X  

EM1101 Datasheet(PDF) 3 Page - Excelliance MOS Corp.

Part # EM1101
Description  300mA High PSRR Low Noise, Adjustable LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM1101 Datasheet(HTML) 3 Page - Excelliance MOS Corp.

  EM1101 Datasheet HTML 1Page - Excelliance MOS Corp. EM1101 Datasheet HTML 2Page - Excelliance MOS Corp. EM1101 Datasheet HTML 3Page - Excelliance MOS Corp. EM1101 Datasheet HTML 4Page - Excelliance MOS Corp. EM1101 Datasheet HTML 5Page - Excelliance MOS Corp. EM1101 Datasheet HTML 6Page - Excelliance MOS Corp. EM1101 Datasheet HTML 7Page - Excelliance MOS Corp. EM1101 Datasheet HTML 8Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2011/09/19
Rev.A.5
3
EM1101
Electrical Characteristics
VIN=5V, TA=25℃, unless otherwise specified
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Input Section
Power Input Voltage
VIN
VOUT= VREF
2.5
-
5.5
V
POR Threshold
VPORTH
-
2.0
2.4
V
POR Hysteresis
VPORHYS
-
0.2
-
V
Quiescent Current
IQ
VIN=VEN=5V, IOUT=0A
-
90
130
uA
Shutdown Current
ISD
VIN=5V,VEN=0V
-
0.1
1
uA
Output Voltage
Feedback Voltage
VFB
VIN=VEN=5V, IOUT=1mA
0.788
0.8
0.812
V
Line Regulation
VOUT(LINE)
2.5V<VIN<5.0V, IOUT=1mA,
VOUT=VREF
-
-
0.2
%/V
Load Regulation
VOUT(LOAD) 1mA<IOUT<300mA, VIN=VOUT+0.5V
-
0.5
1
%/A
Output Voltage Noise
10Hz to 100kHz, COUT=1uF
-
100
-
uV(RMS)
Power Supply Rejection
Ratio
PSRR
IOUT=10mA,1kHz
-
70
-
dB
IOUT=10mA,10kHz
-
60
-
IOUT=10mA,100kHz
-
40
-
Dropout Voltage
VDROP
IOUT=300mA, 2.5V < VOUT < 3.3V
-
200
300
mV
Enable
Enable High Level
VEN
1.4
-
-
V
Disable Low Level
VSD
-
-
0.38
V
Enable Input Current
IEN
VEN=5V or 0V
-1
0
1
uA
Output Voltage Ramp Up
Time
-
600
-
us
Over Current Protection
OCP Threshold Level
IOCP
VIN=VEN=5V, VOUT=VREF
360
600
-
mA
Thermal Protection
Thermal Shutdown
Temperature
TSD
VIN=VEN=5V, IOUT=0A, VOUT=VREF
-
160
-
oC
Thermal Shutdown
Hysteresis
TSDHYS
VIN=VEN=5V, IOUT=0A, VOUT=VREF
-
30
-
oC
Note 1. Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2. θJA is measured in the natural convection at TA=25
oC on a low effective thermal conductivity test board (Single layout, 1S)
of JEDEC 51-3 thermal measurement standard.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com