Electronic Components Datasheet Search
  English  ▼

X  

EM1101 Datasheet(PDF) 5 Page - Excelliance MOS Corp.

Part # EM1101
Description  300mA High PSRR Low Noise, Adjustable LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM1101 Datasheet(HTML) 5 Page - Excelliance MOS Corp.

  EM1101 Datasheet HTML 1Page - Excelliance MOS Corp. EM1101 Datasheet HTML 2Page - Excelliance MOS Corp. EM1101 Datasheet HTML 3Page - Excelliance MOS Corp. EM1101 Datasheet HTML 4Page - Excelliance MOS Corp. EM1101 Datasheet HTML 5Page - Excelliance MOS Corp. EM1101 Datasheet HTML 6Page - Excelliance MOS Corp. EM1101 Datasheet HTML 7Page - Excelliance MOS Corp. EM1101 Datasheet HTML 8Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2011/09/19
Rev.A.5
5
EM1101
Dropout Voltage v.s. Output Current
Quiescent Current v.s. Input Voltage
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Output Current (mA)
VIN=VOUT=3.3V
TJ=125 oC
TJ=25 oC
TJ=-40 oC
80
85
90
95
100
105
110
115
120
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage (V)
On Resistance v.s. Input Voltage
Output Voltage Line Regulation
500
600
700
800
900
1000
1100
1200
2.0
2.2
2.4
2.6
2.8
3.0
3.2
Input Voltage (V)
IOUT=300mA
-0.5%
-0.4%
-0.3%
-0.2%
-0.1%
0.0%
0.1%
0.2%
0.3%
0.4%
0.5%
2.5
3.0
3.5
4.0
4.5
5.0
Input Voltage (V)
VOUT=1.6V
Pull Low Resistance v.s. Input Voltage
Enable/Disable v.s. Inptut Voltage
900
950
1000
1050
1100
1150
1200
1250
1300
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage (V)
EN=0V, VOUT=1.0V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage (V)
Enable
Disable



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com