Electronic Components Datasheet Search
  English  ▼

X  

EM1101 Datasheet(PDF) 1 Page - Excelliance MOS Corp.

Part # EM1101
Description  300mA High PSRR Low Noise, Adjustable LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM1101 Datasheet(HTML) 1 Page - Excelliance MOS Corp.

  EM1101 Datasheet HTML 1Page - Excelliance MOS Corp. EM1101 Datasheet HTML 2Page - Excelliance MOS Corp. EM1101 Datasheet HTML 3Page - Excelliance MOS Corp. EM1101 Datasheet HTML 4Page - Excelliance MOS Corp. EM1101 Datasheet HTML 5Page - Excelliance MOS Corp. EM1101 Datasheet HTML 6Page - Excelliance MOS Corp. EM1101 Datasheet HTML 7Page - Excelliance MOS Corp. EM1101 Datasheet HTML 8Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2011/09/19
Rev.A.5
1
EM1101
300mA High PSRR Low Noise, Adjustable LDO Regulator
General Description
The EM1101 performs ultra low drop voltage,
high power supply rejection ratio (PSRR), fast
response, low noise linear regulator, and designed
to continuously deliver up to 300mA output current.
The EM1101 has wide adjustable output voltage
range and high feedback voltage accuracy to 1.5%.
No by-pass capacitor is needed for this device
and only 1uF ceramic capacitor is required for
stability in any loading conditions. It reduces the
amount of board space necessary for power
applications.
The other features include soft start, current
limit protection, Power-On-Reset function, and
over temperature protection. The EM1101 is
available in SOT-23-5 package.
Ordering Information
Part Number
Package
Remark
EM1101J
SOT-23-5L
Features
Ultra Fast Response in Line/Load Transient
Wide VIN Range from 2.5V to 5.5V
Adjustable Output Voltage from 0.8V to 4.5V
Ultra Low Dropout Voltage: 200mV @300mA
High Power Supply Rejection Ratio
70dB at 1kHz
60dB at 10kHz
Ultra Low Output Noise Voltage 100uV(RMS)
Low Shutdown Current < 1uA
Only 1uF Ceramic Capacitor required for
stability
Over Temperature Protection
Current Limit Protection
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Cellular Handsets
Battery-Powered Equipment
Laptop, Palmtops, Notebook Computers
Hand-Held Instruments
PCMCIA Cards
Portable Information Applications
Pin Configuration
FB
VOUT
EN GND VIN
1
2
3
5
4
Typical Application Circuit


Similar Part No. - EM1101

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
EM110 CARLOGAVAZZI-EM110 Datasheet
341Kb / 6P
Energy Management Energy Meter Type EM110
EM110-DINAV81XO1PFB CARLOGAVAZZI-EM110-DINAV81XO1PFB Datasheet
341Kb / 6P
Energy Management Energy Meter Type EM110
logo
Excelliance MOS Corp.
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
300mA, High PSRR, Low Noise LDO Regulator
EM1103J EXCELLIANCE-EM1103J Datasheet
275Kb / 8P
300mA, High PSRR, Low Noise LDO Regulator
EM1104 EXCELLIANCE-EM1104 Datasheet
668Kb / 8P
600mA, High PSRR, Low Noise LDO Regulator
2015/12/24 A.2
More results

Similar Description - EM1101

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007 Datasheet
205Kb / 5P
300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
Global Mixed-mode Techn...
G914X GMT-G914X_07 Datasheet
289Kb / 11P
300mA High PSRR, Low-Noise LDO Regulators
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
Eutech Microelectronics...
EUP7917 EUTECH-EUP7917 Datasheet
277Kb / 12P
300mA, High PSRR Low-Noise LDO
logo
Taiwan Semiconductor Co...
TS9008DCX5 TSC-TS9008DCX5 Datasheet
290Kb / 9P
300mA High PSRR Low Noise CMOS LDO
logo
Cystech Electonics Corp...
LM1101N5 CYSTEKEC-LM1101N5 Datasheet
744Kb / 10P
300mA High PSRR Low Noise LDO
logo
YOBON TECHNOLOGIES,INC.
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
Asahi Kasei Microsystem...
AP1152 AKM-AP1152 Datasheet
1,005Kb / 27P
300mA Output,High PSRR,Low Noise LDO Regulator
logo
Excelliance MOS Corp.
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
300mA, High PSRR, Low Noise LDO Regulator
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
300mA, High PSRR, Low Noise, Adjustable LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com