Electronic Components Datasheet Search
  English  ▼

X  

EM1101 Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part # EM1101
Description  300mA High PSRR Low Noise, Adjustable LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM1101 Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EM1101 Datasheet HTML 1Page - Excelliance MOS Corp. EM1101 Datasheet HTML 2Page - Excelliance MOS Corp. EM1101 Datasheet HTML 3Page - Excelliance MOS Corp. EM1101 Datasheet HTML 4Page - Excelliance MOS Corp. EM1101 Datasheet HTML 5Page - Excelliance MOS Corp. EM1101 Datasheet HTML 6Page - Excelliance MOS Corp. EM1101 Datasheet HTML 7Page - Excelliance MOS Corp. EM1101 Datasheet HTML 8Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2011/09/19
Rev.A.5
4
EM1101
Typical Operating Characteristics
Power On from VIN
Power Off from VIN
VOUT=3.3V,CIN=COUT=1uF,ROUT=15Ω
VOUT=3.3V,CIN=COUT=1uF,ROUT=15Ω
Turn On from EN
Turn Off from EN
VOUT=3.3V,CIN=COUT=1uF,ROUT=15Ω
VOUT=3.3V,CIN=COUT=1uF,ROUT=15Ω
Load Transient Response
Line Transient Response
VOUT=3.3V,CIN=COUT=1uF
VOUT=2.5V,CIN=COUT=1uF,VIN=3.5V to 4.5V.
VIN
VOUT
IOUT
VEN
VOUT
IOUT
VIN
VOUT
IOUT
VEN
VOUT
IOUT
VOUT
IOUT
VIN
VOUT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com